Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX574SJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LVX574SJ
Description  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX574SJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVX574SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVX574SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVX574SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVX574SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVX574SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVX574SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 4)
Note 4: Parameter guaranteed by design. tOSLH = |tPLHm − tPLHn|, tOSHL = |tPHLm − tPHLn|.
Capacitance
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
(V)
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
fMAX
Maximum
2.7
60
115
50
MHZ
CL = 15 pF
Clock
45
60
40
CL = 50 pF
Frequency
3.3
± 0.3
80
125
65
CL = 15 pF
50
75
45
CL = 50 pF
tPLH
Propagation
2.7
9.2
14.5
1.0
17.5
ns
CL = 15 pF
tPHL
Delay Time
11.5
18.0
1.0
21.0
CL = 50 pF
CP to On
3.3
± 0.3
8.5
13.2
1.0
15.5
CL = 15 pF
11.0
16.7
1.0
19.0
CL = 50 pF
tPZL
3-STATE Output
2.7
9.8
15.0
1.0
18.5
ns
CL = 15 pF, RL = 1 kΩ
tPZH
Enable Time
11.4
18.5
1.0
22.0
CL = 50 pF, RL = 1 kΩ
3.3
± 0.3
8.2
12.8
1.0
15.0
CL = 15 pF, RL = 1 kΩ
10.7
16.3
1.0
18.5
CL = 50 pF, RL = 1 kΩ
tPLZ
tPHZ
3-STATE Output
2.7
12.1
19.1
1.0
22.0
ns
CL = 50 pF, RL = 1 kΩ
Disable Time
3.3
± 0.3
11.0
15.0
1.0
17.0
CL = 50 pF, RL = 1 kΩ
tW
CP Pulse
2.7
6.5
7.5
ns
Width
3.3
± 0.3
5.0
5.0
tS
Setup Time
2.7
5.0
5.0
ns
Dn to CP
3.3
± 0.3
3.5
3.5
tH
Hold Time
2.7
1.5
1.5
ns
Dn to CP
3.3
± 0.3
1.5
1.5
tOSHL
Output to Output
2.7
1.5
1.5
ns
CL = 50 pF
tOSLH
Skew (Note 4)
3.3
1.5
1.5
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
COUT
Output Capacitance
6
pF
CPD
Power Dissipation
27
pF
Capacitance
(Note 5)


Similar Part No. - 74LVX574SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX574SJ FAIRCHILD-74LVX574SJ Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74LVX574SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574 Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com