Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX86MX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LVX86MX
Description  Low Voltage Quad 2-Input Exclusive-OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX86MX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVX86MX Datasheet HTML 1Page - Fairchild Semiconductor 74LVX86MX Datasheet HTML 2Page - Fairchild Semiconductor 74LVX86MX Datasheet HTML 3Page - Fairchild Semiconductor 74LVX86MX Datasheet HTML 4Page - Fairchild Semiconductor 74LVX86MX Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics (Note 3)
Note 3: Input tr = tf = 3ns
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
DC Input Voltage (VI)
−0.5V to 7V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
±25 mA
DC VCC or Ground Current
(I CC or IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Power Dissipation
180 mW
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage (VI)0V to 5.5V
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Input Rise and Fall Time (
∆t/∆V)
0 ns/V to 100 ns/V
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
2.0
1.5
1.5
Input Voltage
3.0
2.0
2.0
V
3.6
2.4
2.4
VIL
LOW Level
2.0
0.5
0.5
Input Voltage
3.0
0.8
0.8
V
3.6
0.8
0.8
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN = VIL or VIH
IOH = −50 µA
Output Voltage
3.0
2.9
3.0
2.9
V
IOH = −50 µA
3.0
2.58
2.48
IOH = −4 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
VIN = VIL or V IH IOL = 50 µA
Output Voltage
3.0
0.0
0.1
0.1
V
IOL = 50 µA
3.0
0.36
0.44
IOL = 4 mA
IIN
Input Leakage Current
3.6
±0.1
±1.0
µAV
IN = 5.5V or GND
ICC
Quiescent Supply Current
3.6
2.0
20.0
µAV
IN = VCC or GND
Symbol
Parameter
VCC
(V)
TA = 25°C
Units
CL (pF)
Typ
Limit
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.3
0.5
V
50
VOLV
Quiet Output Minimum Dynamic VOL
3.3
−0.3
−0.5
V
50
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
2.0
V
50
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
0.8
V
50


Similar Part No. - 74LVX86MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX86MX FAIRCHILD-74LVX86MX Datasheet
85Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
More results

Similar Description - 74LVX86MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ86 FAIRCHILD-74LVQ86 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVQ86 FAIRCHILD-74LVQ86_01 Datasheet
52Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86 ONSEMI-74LVX86 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86_08 Datasheet
306Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVX86M FAIRCHILD-74LVX86M Datasheet
85Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LCX86 ONSEMI-74LCX86 Datasheet
331Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate
March 2008 Rev. 1.5.0
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com