Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVXC4245QSC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LVXC4245QSC
Description  8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXC4245QSC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVXC4245QSC Datasheet HTML 1Page - Fairchild Semiconductor 74LVXC4245QSC Datasheet HTML 2Page - Fairchild Semiconductor 74LVXC4245QSC Datasheet HTML 3Page - Fairchild Semiconductor 74LVXC4245QSC Datasheet HTML 4Page - Fairchild Semiconductor 74LVXC4245QSC Datasheet HTML 5Page - Fairchild Semiconductor 74LVXC4245QSC Datasheet HTML 6Page - Fairchild Semiconductor 74LVXC4245QSC Datasheet HTML 7Page - Fairchild Semiconductor 74LVXC4245QSC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 6: Typical values at VCCA = 5V, VCCB = 5V @25°C.
Note 7: Typical values at VCCA = 5V, VCCB = 3.3V @25°C.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Note 9: CPD is measured at 10 MHz.
Power Up Considerations
To insure the system does not experience unnecessary ICC
current draw, bus contention, or oscillations during power
up, the following guidelines should be adhered to (refer to
Table 1):
• Power up the control side of the device first. This is the
VCCA.
• OE should ramp with or ahead of VCCA. This will help
guard against bus contention.
• The Transmit/Receive control pin (T/R) should ramp with
VCCA, this will ensure that the A Port data pins are con-
figured as inputs. With VCCA receiving power first, the A
I/O Port should be configured as inputs to help guard
against bus contention and oscillations.
• A side data inputs should be driven to a valid logic level.
This will prevent excessive current draw.
The above steps will ensure that no bus contention or oscil-
lations, and therefore no excessive current draw occurs
during the power up cycling of these devices. These steps
will help prevent possible damage to the translator devices
and potential damage to other system components.
TABLE 1. Low Voltage Translator Power Up Sequencing Table
Please reference Application Note AN-5001 for more detailed information on using Fairchild’s LVX Low Voltage Dual
Supply CMOS Translating Transceivers.
Symbol
Parameter
CL = 50 pF
CL = 50 pF
Units
VCCA = 4.5V to 5.5V
VCCA = 4.5V to 5.5V
VCCB = 4.5V to 5.5V
VCCB = 2.7V to 3.6V
TA = +25°CTA = −40°C to +85°CTA = +25°CTA = −40°C to +85°C
Min
Typ
Max
Min
Max
Min
Typ
Max
Min
Max
(Note 6)
(Note 7)
tPHL
Propagation
1.0
4.9
6.5
1.0
7.0
1.0
5.5
7.5
1.0
8.0
ns
tPLH
Delay A to B
1.0
4.0
5.5
1.0
6.0
1.0
5.0
7.0
1.0
7.5
tPHL
Propagation
1.0
4.7
6.5
1.0
7.0
1.0
5.6
7.5
1.0
8.0
ns
tPLH
Delay B to A
1.0
3.9
5.0
1.0
5.5
1.0
4.3
6.0
1.0
6.5
tPZL
Output Enable
1.0
5.6
7.5
1.0
8.0
1.0
6.7
9.0
1.0
10.0
ns
tPZH
Time OE to B
1.0
5.7
7.5
1.0
8.0
1.0
6.9
9.5
1.0
10.0
tPZL
Output Enable
1.0
7.4
9.0
1.0
10.0
1.0
8.0
10.0
1.0
11.0
ns
tPZH
Time OE to A
1.0
6.1
7.5
1.0
8.5
1.0
6.3
8.0
1.0
8.5
tPHZ
Output Disable
1.0
4.8
7.0
1.0
7.5
1.0
6.0
9.0
1.0
9.5
ns
tPLZ
Time OE to B
1.0
3.8
5.5
1.0
6.0
1.0
4.2
6.5
1.0
7.0
tPHZ
Output Disable
1.0
3.4
5.5
1.0
6.0
1.0
3.4
5.5
1.0
6.0
ns
tPLZ
Time OE to A
1.0
2.9
4.5
1.0
5.0
1.0
2.9
5.0
1.0
5.5
tOSHL
Output to Output
tOSLH
Skew (Note 8)
1.0
1.5
1.5
1.0
1.5
1.5
ns
Data to Output
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CI/O
Input/Output Capacitance
10
pF
VCCA = 5V, VCCB = 3.3V
CPD
Power Dissipation Capacitance
A
→B45
pF
VCCA = 5V
(Note 9)
B
→A50
pF
VCCB = 3.3V
Device Type
VCCA
VCCB
T/R
OE
A Side I/O
B Side I/O
Floatable Pin
Allowed
74LVXC4245
5V
2.7V to 5.5V
ramp
ramp
logic
outputs
yes, VCCB and B
(power up 1st)
configurable
with VCCA
with VCCA
0V or VCCA
I/O’s w/ OE HIGH


Similar Part No. - 74LVXC4245QSC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC4245M STMICROELECTRONICS-74LVXC4245M Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC4245MTR STMICROELECTRONICS-74LVXC4245MTR Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC4245MTR STMICROELECTRONICS-74LVXC4245MTR Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
More results

Similar Description - 74LVXC4245QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245 FAIRCHILD-74LVXC3245_09 Datasheet
253Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245WMX FAIRCHILD-74LVXC3245WMX Datasheet
253Kb / 9P
   74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVXC4245 NSC-54LVXC4245 Datasheet
115Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com