Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX132MTC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74VCX132MTC
Description  Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX132MTC Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74VCX132MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VCX132MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VCX132MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VCX132MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VCX132MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VCX132MTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC14
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - 74VCX132MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX132MTC FAIRCHILD-74VCX132MTC Datasheet
499Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74VCX132MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC132 FAIRCHILD-74ALVC132 Datasheet
94Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX132 FAIRCHILD-74VCX132_05 Datasheet
499Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX00FT TOSHIBA-TC74VCX00FT Datasheet
265Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX00 FAIRCHILD-74VCX00_05 Datasheet
514Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
74VCX00 FAIRCHILD-74VCX00 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7SA00F TOSHIBA-TC7SA00F Datasheet
293Kb / 8P
   LOW-VOLTAGE 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08 Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com