Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX162244 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74VCX162244
Description  Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistor in Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162244 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74VCX162244 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 9Page - Fairchild Semiconductor 74VCX162244 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
AC Loading and Waveforms (VCC 3.3V r 0.3V to 1.8V r 0.15V)
FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-Inverting Functions
FIGURE 3. 3-STATE Output High Enable and Disable Times for Low Voltage Logic
FIGURE 4. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC 3.3 r 0.3V;
VCC x 2 at VCC 2.5 r 0.2V; 1.8 r 0.15V
tPZH, tPHZ
GND
Symbol
VCC
3.3V
r 0.3V
2.5V
r 0.2V
1.8V
r 0.15V
Vmi
1.5V
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2
VX
VOL  0.3V
VOL  0.15V
VOL  0.15V
VY
VOH  0.3V
VOH  0.15V
VOH  0.15V


Similar Part No. - 74VCX162244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
logo
ON Semiconductor
74VCX162244 ONSEMI-74VCX162244 Datasheet
231Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
74VCX162244G ONSEMI-74VCX162244G Datasheet
231Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
74VCX162244MTD ONSEMI-74VCX162244MTD Datasheet
231Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
logo
STMicroelectronics
74VCX162244TTR STMICROELECTRONICS-74VCX162244TTR Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
More results

Similar Description - 74VCX162244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162244 FAIRCHILD-74ALVC162244 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
74VCX162240 FAIRCHILD-74VCX162240 Datasheet
53Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74ALVC162240 FAIRCHILD-74ALVC162240 Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCX162827MTDX FAIRCHILD-74VCX162827MTDX Datasheet
142Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC16244 FAIRCHILD-74ALVC16244 Datasheet
117Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16244 FAIRCHILD-74VCX16244 Datasheet
52Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX162827 FAIRCHILD-74VCX162827 Datasheet
135Kb / 8P
   Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs
74ALVC162827 FAIRCHILD-74ALVC162827 Datasheet
77Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCX16240 FAIRCHILD-74VCX16240 Datasheet
52Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16240 FAIRCHILD-74ALVC16240 Datasheet
99Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com