Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2222SQ-131JEB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 2222SQ-131JEB
Description  1515SQ, 2222SQ, 2929SQ Air Core Inductors 16 values, 10 of each
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

2222SQ-131JEB Datasheet(HTML) 1 Page - Coilcraft lnc.

  2222SQ-131JEB Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
19/02/13
Designer’s Kit
Kit Contents for C438:
• 1515SQ, 2222SQ, 2929SQ Air Core Inductors
• 16 values, 10 of each
Inductance
Tolerance
Part Number
47nH
5%
1515SQ-47NJEB
68nH
1515SQ-68NJEB
82nH
1515SQ-82NJEB
90nH
2222SQ-90NJEB
110nH
2222SQ-111JEB
130nH
2222SQ-131JEB
160nH
2222SQ-161JEB
180nH
2222SQ-181JEB
220nH
2222SQ-221JEB
270nH
2222SQ-271JEB
300nH
2222SQ-301JEB
330nH
2929SQ-331JEB
360nH
2929SQ-361JEB
390nH
2929SQ-391JEB
430nH
2929SQ-431JEB
500nH
2929SQ-501JEB
Part Number Table


Similar Part No. - 2222SQ-131JEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
2222SQ-131 COILCRAFT-2222SQ-131 Datasheet
546Kb / 3P
   Square Air Core Inductors
More results

Similar Description - 2222SQ-131JEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C324A COILCRAFT-C324A Datasheet
203Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
C324A-2 COILCRAFT-C324A-2 Datasheet
204Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
C439 COILCRAFT-C439 Datasheet
201Kb / 1P
   0603AF Chip Inductors, 14 values, 10 of each
XFL4020-102MEB COILCRAFT-XFL4020-102MEB Datasheet
197Kb / 1P
   XFL4020 Power Inductors, 5 values, 5 of each
C423 COILCRAFT-C423 Datasheet
218Kb / 1P
   Kit Contents 0603CT Low Profile Chip Inductors 35 values, 10 of each
0805PS-102KLB COILCRAFT-0805PS-102KLB Datasheet
204Kb / 1P
   0805PS Power Chip Inductors 20 values, 6 of each
PFL2510-151MEB COILCRAFT-PFL2510-151MEB Datasheet
202Kb / 1P
   PFL2510 and PFL2512 Power Inductors 13 values, 5 of each
0402CS-1N0XJLU COILCRAFT-0402CS-1N0XJLU Datasheet
202Kb / 1P
   Kit Contents for C328A 0402CS Chip Inductors 23 values, 20 of each
LPS6225-122MLB COILCRAFT-LPS6225-122MLB Datasheet
206Kb / 1P
   Kit Contents for C349, LPS6225 Power Inductors, 28 values, 3 of each
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com