Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN26032A Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # AN26032A
Description  Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

AN26032A Datasheet(HTML) 1 Page - Panasonic Battery Group

  AN26032A Datasheet HTML 1Page - Panasonic Battery Group AN26032A Datasheet HTML 2Page - Panasonic Battery Group AN26032A Datasheet HTML 3Page - Panasonic Battery Group AN26032A Datasheet HTML 4Page - Panasonic Battery Group AN26032A Datasheet HTML 5Page - Panasonic Battery Group AN26032A Datasheet HTML 6Page - Panasonic Battery Group AN26032A Datasheet HTML 7Page - Panasonic Battery Group AN26032A Datasheet HTML 8Page - Panasonic Battery Group AN26032A Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AN26032A
1
Ver. CEB
DTV(UHF)
SIMPLIFIED APPLICATION
APPLICATIONS
FEATURES
DESCRIPTION
Ultra small , Single Band LNA-IC
with Band-limiting filter for 600 MHz Band Applications
AN26032A is single band LNA-IC for 600 MHz Band
applications.
It realizes high performance by using 0.18 µm SiGeC
Bi-CMOS process (fT = 90 GHz, fmax = 140 GHz).
High/Low Gain mode is changeable, controlled by
integrated CMOS logic circuit.
The Band limiting filter is built-in.
A WLCSP package (Wafer Level Chip Sized Package)
achieves miniaturization.
Notes) This application circuit is an example. The operation of mass
production set is not guaranteed. You should perform enough
evaluation and verification on the design of mass production
set. You are fully responsible for the incorporation of the
above application circuit and information in the design of your
equipment.
Murata
LQP03TN12NJ04
12 nH
0603
L2
Murata
GRM33B30J104KE18
100 000 pF
0603
C2
Vendor
Part Number
Value
Size
Components
Murata
GRM033B11C102KD01
1 000 pF
0603
C1
Murata
LQP03TN8N2H04
8.2 nH
0603
L1
• Low voltage operation
+2.85 V typ.
• Low current consumption
4 mA typ. (High-Gain mode)
1 µA typ.
(Low-Gain mode)
• High gain 14.0 dB typ. fRX = 620 MHz (High-Gain mode)
• Low noise figure
1.20 dB typ. fRX = 620 MHz (High-Gain mode)
• Low distortion (IIP3 +10 MHz offset)
4 dBm typ. fRX = 620 MHz (High-Gain mode)
• Small and thin package 6 pin Wafer level chip size package
(WLCSP)
50
Ω
RF input
50
Ω
RF output
A3
L1
C1
V
CC
C2
CNT
(Gain cnt)
B3
L2
A2
A1
TOP VIEW
B1
B2
Publication date: February 2013


Similar Part No. - AN26032A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2603 STMICROELECTRONICS-AN2603 Datasheet
721Kb / 23P
   ST1S09 high efficiency synchronous buck converter
logo
Panasonic Battery Group
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
   Single Band LNA-IC for 2.5 GHz Band Applications
More results

Similar Description - AN26032A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26027A PANASONICBATTERY-AN26027A_13 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
Panasonic Battery Group
AN26025A PANASONICBATTERY-AN26025A Datasheet
335Kb / 11P
   Ultra small, Single Band LNA-IC for 5 GHz Band Applications
AN26024A PANASONICBATTERY-AN26024A Datasheet
337Kb / 11P
   Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
   Single Band LNA-IC for 2.5 GHz Band Applications
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
logo
Panasonic Battery Group
AN26011A PANASONICBATTERY-AN26011A_13 Datasheet
325Kb / 17P
   LNA-IC for 800MHz / 450MHz Band Applications
logo
Panasonic Semiconductor
AN26018A PANASONIC-AN26018A Datasheet
335Kb / 14P
   LNA IC for UHF Band (400 MHz to 800 MHz) Applications
logo
Panasonic Battery Group
AN26218A PANASONICBATTERY-AN26218A Datasheet
443Kb / 23P
   UMTS triple band LNA-IC
logo
Infineon Technologies A...
BGA777L7 INFINEON-BGA777L7 Datasheet
729Kb / 24P
   Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com