Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


74VCX162827MTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

Part No. 74VCX162827MTD
Description  Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCX162827MTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 page
background image
© 2004 Fairchild Semiconductor Corporation
DS500138
www.fairchildsemi.com
March 1998
Revised October 2004
74VCX162827
Low Voltage 20-Bit Buffer/Line Driver
with 3.6V Tolerant Inputs and Outputs
and 26
Ω Series Resistors in the Outputs
General Description
The VCX162827 contains twenty non-inverting buffers with
3-STATE outputs to be employed as a memory and
address driver, clock driver, or bus oriented transmitter/
receiver. The device is byte controlled. Each byte has NOR
output enables for maximum control flexibility.
The 74VCX162827 is designed for low voltage (1.4V to
3.6V) VCC applications with I/O capability up to 3.6V. The
VCX162827 is also designed with 26
Ω resistors in the out-
puts.
The 74VCX162827 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s 1.4V–3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s 26
Ω series resistors in outputs
s tPD
3.4 ns max for 3.0V to 3.6V VCC
s Power-off high impedance inputs and outputs
s Supports live insertion and withdrawal (Note 1)
s Static Drive (IOH/IOL)
±12 mA @ 3.0V V
CC
s Uses patented noise/EMI reduction circuitry
s Latch-up performance exceeds 300 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
Note 1: To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the minimum
value of the resistor is determined by the current-sourcing capability of the
driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix “X” to the ordering code.
Logic Symbol
Pin Descriptions
Order Number
Package Number
Package Description
74VCX162827MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
OEn
Output Enable Input (Active LOW)
I0–I19
Inputs
O0–O19
Outputs


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALVC162827Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXZ162244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX2244Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16827Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162244Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistor in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn