Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX164245 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VCX164245
Description  Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX164245 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VCX164245 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX164245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500159
www.fairchildsemi.com
March 2000
Revised June 2005
74VCX164245
Low Voltage 16-Bit Dual Supply Translating Transceiver
with 3-STATE Outputs
General Description
The VCX164245 is a dual supply, 16-bit translating trans-
ceiver that is designed for two way asynchronous commu-
nication between busses at different supply voltages by
providing true signal translation. The supply rails consist of
VCCB, which is the higher potential rail operating at 2.3V to
3.6V and VCCA, which is the lower potential rail operating at
1.65V to 2.7V. (VCCA must be less than or equal to VCCB
for proper device operation.) This dual supply design
allows for translation from 1.8V to 2.5V busses to busses at
a higher potential, up to 3.3V.
The Transmit/Receive (T/R) input determines the direction
of data flow. Transmit (active-HIGH) enables data from A
Ports to B Ports. Receive (active-LOW) enables data from
B Ports to A Ports. The Output Enable (OE) input, when
HIGH, disables both A and B Ports by placing them in a
High-Z condition. The A Port interfaces with the lower volt-
age bus (1.8V
 2.5V). The B Port interfaces with the
higher voltage bus (2.7V
 3.3V). Also the VCX164245 is
designed so that the control pins (T/Rn, OEn) are supplied
by VCCB.
The 74VCX164245 is suitable for mixed voltage applica-
tions such as notebook computers using a 1.8V CPU and
3.3V peripheral components. It is fabricated with an
Advanced CMOS technology to achieve high speed opera-
tion while maintaining low CMOS power dissipation.
Features
s Bidirectional interface between busses ranging from
1.65V to 3.6V
s Supports Live Insertion and Withdrawal (Note 1)
s Static Drive (IOH/IOL)
r24 mA @ 3.0V VCC
r18 mA @ 2.3V VCC
r6 mA @ 1.65V VCC
s Uses patented noise/EMI reduction circuitry
s Functionally compatible with 74 series 16245
s Latchup performance exceeds 300 mA
s ESD performance:
Human Body Model
!2000V
Machine model
!200V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA)
Note 1: To ensure the high impedance state during power up or power
down, OEn should be tied to VCCB through a pull up resistor. The minimum
value of the resistor is determined by the current sourcing capability of the
driver.
Ordering Code:
Note 2: Ordering Code “G” indicates Trays.
Note 3: Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Diagram
Order Number
Package Number
Package Description
74VCX164245G
(Note 2)(Note 3)
BGA54A
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
74VCX164245MTD
(Note 3)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - 74VCX164245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX164245 ONSEMI-74VCX164245 Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX164245G ONSEMI-74VCX164245G Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX164245MTD ONSEMI-74VCX164245MTD Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
More results

Similar Description - 74VCX164245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX163245 FAIRCHILD-74VCX163245_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74ALVC163245 FAIRCHILD-74ALVC163245 Datasheet
106Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX163245 FAIRCHILD-74VCX163245 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Fairchild Semiconductor
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com