Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX16500 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VCX16500
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16500 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VCX16500 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16500 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Logic Diagram


Similar Part No. - 74VCX16500

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500MTD FAIRCHILD-74VCX16500MTD Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74VCX16500

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16601 FAIRCHILD-74ALVC16601 Datasheet
100Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16601 FAIRCHILD-74VCX16601 Datasheet
59Kb / 11P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX32500 FAIRCHILD-74VCX32500 Datasheet
148Kb / 9P
   Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com