Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH9282Z5-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AH9282Z5-G1
Description  Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9282Z5-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AH9282Z5-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH9282Z5-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281/82
Oct. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
6
Electrical Characteristics
VCC=12V, TA=25
oC, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
Operating
2.5
12
16
V
Supply Current
ICC
Average
4
6
mA
Output Current
IOUT
500
mA
Output Leakage Current
ILEAKAGE
0.1
10
µA
Saturation Voltage
VSAT
IOUT=350mA
600
1000
mV
Output ON Time
tON
0.8
S
Output OFF Time
tOFF
5
S
FG/RD Output Low Voltage
VFGL/VRDL
IFG=5mA
0.1
0.2
V
FG/RD
Output
Leakage
Current
IFGLK/IRDLK
VFG /VRD=12V
0.1
10
µA
FG/RD Output Current Limit
IFGLIM/ IRDLIM VFG/VRD=12V
30
mA
Output Zener Break-down
Voltage
VZ
35
V
Magnetic Characteristics
VCC=12V, TA=25
oC, unless otherwise specified.
Parameter
Symbol
Min
Typ
Max
Unit
Operating Point
BOP
0
20
50
Gauss
Releasing Point
BRP
-50
-20
0
Gauss
Hysteresis
BHYS
40
Gauss


Similar Part No. - AH9282Z5-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9282Z5-G1 BCDSEMI-AH9282Z5-G1 Datasheet
157Kb / 2P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9282Z5-G1 BCDSEMI-AH9282Z5-G1 Datasheet
456Kb / 14P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
More results

Similar Description - AH9282Z5-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9281 BCDSEMI-AH9281 Datasheet
157Kb / 2P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281Z5-G1 BCDSEMI-AH9281Z5-G1 Datasheet
456Kb / 14P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
BCD Semiconductor Manuf...
AH9280 BCDSEMI-AH9280 Datasheet
410Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280 BCDSEMI-AH9280_11 Datasheet
400Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
415Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
Diodes Incorporated
AH9281 DIODES-AH9281 Datasheet
145Kb / 12P
   TWO PHASE DUAL-COIL HIGH VOLTAGE SMART FAN MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
   TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com