Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1686K6TR-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP1686K6TR-G1
Description  Low-Power Off-line PSR LED Controller Short Circuit Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP1686K6TR-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP1686K6TR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP1686K6TR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Preliminary Datasheet
Low-Power Off-line PSR LED Controller
AP1686
Nov. 2012
Rev. 1.1
BCD Semiconductor Manufacturing Limited
6
Typical Performance Characteristics
Figure 4. Operating Current vs. Supply Voltage
Figure 5. Source Current vs. Supply Voltage
10
15
20
25
30
100
200
300
400
500
600
700
800
Supply Voltage (V)
10
15
20
25
30
20
25
30
35
40
Supply Voltage (V)
Figure 6. Minimal Operating Voltage vs.
Ambient Temperature
-40
-20
0
20
40
60
80
100
120
140
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Ambient Temperature (
oC)
Figure 7. Operating Current vs.
Ambient Temperature
-40
-20
0
20
406080
100
120
140
300
350
400
450
500
Ambient Temperature (
oC)


Similar Part No. - AP1686K6TR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP1680K6TR-G1 DIODES-AP1680K6TR-G1 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
   Off-line Primary Side Regulation Controller for Dimmable LED Driver
AP1681M-G1 BCDSEMI-AP1681M-G1 Datasheet
346Kb / 13P
   Off-line Primary Side Regulation Controller for Dimmable LED Driver
More results

Similar Description - AP1686K6TR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3766B BCDSEMI-AP3766B Datasheet
484Kb / 11P
   Low-Power Off-line PSR LED Controller
logo
Shenzhen Xinmao Microel...
LP3773 LANDP-LP3773 Datasheet
665Kb / 9P
   Low-Power off-line / PSR controller
logo
ON Semiconductor
NCP1203 ONSEMI-NCP1203_15 Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
logo
Dialog Semiconductor
IW3625 DIALOG-IW3625 Datasheet
407Kb / 5P
   Off-Line Digital Power Controller for LED Driver
IW3626 DIALOG-IW3626 Datasheet
378Kb / 6P
   Off-Line Digital Power Controller for LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com