Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1662MTR-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP1662MTR-G1
Description  HIGH PERFORMANCE POWER FACTOR CORRECTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP1662MTR-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP1662MTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP1662MTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet
HIGH PERFORMANCE POWER FACTOR CORRECTOR
AP1662
Jul. 2012 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
6
Electrical Characteristics
VCC =12V, TJ =-25°C to 125°C, CO=1nF, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Under Voltage Lockout Section
Turn-on Threshold
VCC-ON
VCC Rising
11
12
13
V
Turn-off Threshold
VCC-OFF
VCC Falling
8.7
9.5
10.3
V
Hysteresis
VCC-HYS
2.2
2.5
2.8
V
VCC Operating Range
VCC
After turn-on
10.3
22
V
Zener Voltage
VZ
ICC=20mA
22
24
V
Total Supply Current Section
Start-up Current
ISTART-UP
VCC=11V before turn-on
40
70
µA
Operating Supply Current
ICC
Frequency=70kHz
3.5
5
mA
In OVP condition
VINV =2.7V
1.4
2.2
Quiescent Current
IQ
After turn on
2.5
3.75
mA
Quiescent Current
IQ
VZCD≤150mV, VCC>VCC-OFF
2.2
mA
VZCD≤150mV, VCC<VCC-OFF
20
50
90
µA
Error Amplifier Section
Voltage Feedback Input
Threshold
VINV
TJ =25ºC
2.465
2.5
2.535
V
10.3V<VCC<20V
2.44
2.56
Line Regulation
VCC=10.3V to 20V
2
5
mV
Input Bias Current
IINV
VINV=0 to 3V
-0.1
-1
µA
Voltage Gain
GV
Open Loop
60
80
dB
Gain Bandwidth
GB
1
MHz
Output
Voltage
Upper Clamp
Voltage
VCOMP-H
ISOURCE=0.5mA
5.15
5.55
5.85
V
Lower Clamp
Voltage
VCOMP-L
ISINK=0.5mA
2.1
2.25
2.4
Output
Current
Source
Current
ICOMP-H
VCOMP=4V, VINV =2.4V
-2
-4
-8
mA
Sink Current
ICOMP-L
VCOMP=4V, VINV=2.6V
2.5
4.5


Similar Part No. - AP1662MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1662MTR-G1 BCDSEMI-AP1662MTR-G1 Datasheet
478Kb / 18P
   HIGH PERFORMANCE POWER FACTOR CORRECTOR
More results

Similar Description - AP1662MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661A BCDSEMI-AP1661A Datasheet
283Kb / 11P
   HIGH PERFORMANCE POWER FACTOR CORRECTOR
AP1662M-E1 BCDSEMI-AP1662M-E1 Datasheet
478Kb / 18P
   HIGH PERFORMANCE POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
   POWER FACTOR CORRECTOR
June 2000
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
   POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
   POWER FACTOR CORRECTOR
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
   POWER FACTOR CORRECTOR
September 1998
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com