Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3106M-G1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3106M-G1
Description  HIGH VOLTAGE GREEN MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3106M-G1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3106M-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3106M-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Preliminary Datasheet
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
AP3106
Sep. 2011
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
3
Functional Block Diagram
Soft
Driver
18V
QB
D
CLK
RB
DFF
OSC with
Frequency Dithering
2R2
OCP
0.85V
Burst
Mode
PWM
OLP
OLP
OLP
OTP
VCC OVP
28V
VCC OVP
OVP
UVLO
UVLO
16V
Internal Bias
0.3V
PG
25 s
Filter
4ms
Soft Start
OTP
140℃
&VREF
FOCP
FB
UVLO
Relative Blocks
35V
Protection
O/S
35
ms Timer
OLP
SCP
8.6V
R2
1.1V
VCC
6
FB
2
GND
4
SENSE
3
GATE
5
RI
1
HV
7
250ns LEB
R3
R1
VCC
Line Sense
Line Sense
Line Sense
Figure 3. Functional Block Diagram of AP3106


Similar Part No. - AP3106M-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3106 DIODES-AP3106 Datasheet
593Kb / 10P
   HIGH VOLTAGE GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3106M-G1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3869A UTC-UC3869A Datasheet
310Kb / 9P
   HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
List of Unclassifed Man...
OB5269 ETC1-OB5269 Datasheet
377Kb / 1P
   High Voltage Green Mode PWM Controller
logo
Leadtrend Technology
LD7750A LEADTREND-LD7750A Datasheet
444Kb / 19P
   High Voltage Green-Mode PWM Controller
logo
Diodes Incorporated
AP3107Z DIODES-AP3107Z Datasheet
644Kb / 11P
   HIGH VOLTAGE GREEN MODE PWM CONTROLLER
March 2015 Rev. 3 - 3
AP3106 DIODES-AP3106 Datasheet
593Kb / 10P
   HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com