Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3202MTR-G1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3202MTR-G1
Description  380kHz, 2A Asynchronous DC-DC Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3202MTR-G1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3202MTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3202MTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3202MTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3202MTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3202MTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3202MTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3202MTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3202MTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3202MTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Preliminary Datasheet
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202
Mar. 2011 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
8
Typical Performance Characteristics (Continued)
TA=25
oC, VIN=12V, VOUT=3.3V, unless otherwise noted.
Figure 12. Enable Turn on Characteristic
Figure 13. Enable Turn off Characteristic
(IOUT=2A, Resistance Load)
(IOU T=2A, Resistance Load)
Figure 14. Short Circuit Protection
Figure 15. Short Circuit Recovery
(IOUT=2A)
(IOUT=2A)
Time (800
µs/div)
VSW
5V/div
VEN
2V/div
IL
1A/div
VOUT
2V/div
VSW
5V/div
VEN
2V/div
IL
1A/div
VOUT
2V/div
Time (400
µs/div)
VSW
5V/div
IL
1A/div
VOUT
2V/div
Time (100
µs/div)
VSW
5V/div
IL
1A/div
VOUT
2V/div
Time (100
µs/div)


Similar Part No. - AP3202MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3201AMHTR-G1 BCDSEMI-AP3201AMHTR-G1 Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
AP3203MP-G1 BCDSEMI-AP3203MP-G1 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
AP3203MPTR-G1 BCDSEMI-AP3203MPTR-G1 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
More results

Similar Description - AP3202MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
   23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
   2A 380KHz 32V PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1591 TECHCODE-TD1591 Datasheet
635Kb / 16P
   2A 380KHz 32V PWM Buck DC/DC Converter
logo
XLSEMI
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1410 HMSEMI-HM1410 Datasheet
749Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
logo
First Silicon Co., Ltd
FAC1410 FS-FAC1410 Datasheet
313Kb / 10P
   2A 380KHZ 20V PWM Buck DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1682 YOBON-YB1682 Datasheet
212Kb / 9P
   2A 380KHz 20V PWM Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1513 HMSEMI-HM1513 Datasheet
325Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com