Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3203MP-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3203MP-G1
Description  380kHz, 3A Asynchronous DC - DC Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3203MP-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3203MP-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3203MP-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3203MP-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3203MP-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3203MP-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3203MP-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3203MP-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3203MP-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3203MP-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Datasheet
380kHz, 3A Asynchronous DC - DC Buck Converter
AP3203
Mar. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3203 is a 380kHz fixed frequency, current
mode, PWM buck (step-down) DC-DC converter,
capable of driving a 3A load with high efficiency,
excellent line and load regulation. The device
integrates N-channel power MOSFET switch with
low on-resistance. The current mode control provides
fast transient response and cycle-by-cycle current
limit.
A standard series of inductors are available from
several different manufacturers optimized for use
with the AP3203. This feature greatly simplifies the
design of switch-mode power supplies.
This IC is available in PSOP-8 package.
Features
Input Voltage Range: 4.75V to 18V
Fixed 380kHz Frequency
High Efficiency: up to 93%
Output Current: 3A
Current Mode Control
Built-in Over Current Protection
Built-in Thermal Shutdown Function
Built-in UVLO Function
Built-in Over Voltage Protection
Programmable Soft-start
Applications
Portable DVD
DPF
LCD-TV
STB
Figure 1. Package Type of AP3203
PSOP-8


Similar Part No. - AP3203MP-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3201AMHTR-G1 BCDSEMI-AP3201AMHTR-G1 Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202M-G1 BCDSEMI-AP3202M-G1 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202MTR-G1 BCDSEMI-AP3202MTR-G1 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
More results

Similar Description - AP3203MP-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
logo
Fitipower Integrated Te...
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
   23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
logo
XLSEMI
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1583 TECHCODE-TD1583 Datasheet
655Kb / 16P
   3A 380KHz 28V PWM Buck DC/DC Converter
December, 23, 2009.
logo
List of Unclassifed Man...
XL1583 ETC2-XL1583 Datasheet
233Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
logo
First Silicon Co., Ltd
FAC1583 FS-FAC1583 Datasheet
414Kb / 11P
   3A 380KHZ 28V PWM Buck DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1683 YOBON-YB1683 Datasheet
227Kb / 9P
   3A 380KHz 28V PWM Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1583 HMSEMI-HM1583 Datasheet
307Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com