Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3211H Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3211H
Description  1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3211H Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3211H Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3211H Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3211H Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3211H Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3211H Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3211H Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3211H Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3211H Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3211H Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Preliminary Datasheet
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211H
Aug. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
5
Electrical Characteristics
VIN=VEN=12V, VOUT=3.3V, TA=25ºC, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage
VIN
4.5
23
V
Quiescent Current
IQ
VFB=0.9V
0.8
1.1
mA
Shutdown Supply Current
ISHDN
VEN=0V
0.1
1.0
µA
Feedback Voltage
VFB
0.785
0.810
0.835
V
Feedback Over Voltage Threshold
VFBOV
0.972
V
Feedback Bias Current
IFB
VFB=0.85V
-0.1
0.1
µA
Switch On-resistance
RDSON
ISW=1A
0.385
Switch Leakage Current
ILEAK
VIN=23V,
VEN=0V
0.1
10
µA
Switch Current Limit
ILIM
1.8
2.4
A
EN Pin Threshold
VENH
1.5
V
VENL
0.4
Input UVLO Threshold
VUVLO
VIN Rising
3.3
3.8
4.3
V
Input UVLO Hysteresis
VHYS
0.2
V
Oscillator Frequency
fOSC1
1.1
1.4
1.7
MHz
fOSC2
Short Circuit
460
kHz
Max. Duty Cycle
DMAX
VFB=0.6V
90
%
Min. Duty Cycle
DMIN
VFB=0.9V
0
%
Minimum On Time
tON
100
ns
Thermal Shutdown
TOTSD
160
ºC
Thermal Shutdown Hysteresis
THYS
20
ºC
Soft-start Time
tSS
200
µs
Note 2: RDSON , tON, TOTSD, THYS and tSS are guaranteed by design.


Similar Part No. - AP3211H

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3211HKTR-G1 BCDSEMI-AP3211HKTR-G1 Datasheet
713Kb / 12P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211H BCDSEMI-AP3211H_14 Datasheet
713Kb / 12P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
More results

Similar Description - AP3211H

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3211 BCDSEMI-AP3211 Datasheet
453Kb / 12P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211H BCDSEMI-AP3211H_14 Datasheet
713Kb / 12P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
Diodes Incorporated
AP3211 DIODES-AP3211 Datasheet
510Kb / 11P
   1.4MHZ,1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
   1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Fitipower Integrated Te...
FR9761 FITIPOWER-FR9761 Datasheet
743Kb / 12P
   23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR9765 FITIPOWER-FR9765 Datasheet
567Kb / 11P
   24V, 3A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR9702 FITIPOWER-FR9702 Datasheet
753Kb / 14P
   23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
logo
Skyworks Solutions Inc.
AAT2512 SKYWORKS-AAT2512 Datasheet
1Mb / 19P
   Dual 1.4MHz, 400mA Synchronous Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
   380kHz, 3A Asynchronous DC - DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com