Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3436 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3436
Description  3A, 1.25MHz High Performance Synchronous Buck Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3436 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3436 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
3A, 1.25MHz High Performance Synchronous Buck Converter
AP3436/A
Jan. 2013 Rev. 1.2
BCD Semiconductor Manufacturing Limited
9
Typical Performance Characteristics (Continued)
Figure 12. Load Regulation vs. Output Current
Figure 13. Power on Waveform
(VIN=VCC=5V, VOUT=1V, IOUT=3A)
Figure 14. Power off Waveform
Figure 15. Enable Waveform
(VIN=VCC=5V, VOUT=1V, IOUT=3A)
(VIN=VCC=5V, VOUT=1V, IOUT=3A)
VIN
2V/div
VOUT
500mV/div
IL
1A/div
Time 400
µs/div
Time 1ms/div
IL
1A/div
VOUT
500mV/div
VCC/IN
2V/div
VEN
1V/div
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 3.00
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Output Current (A)
V
IN
=V
CC
=V
EN
=5.0V
V
OUT
=1.0V
Time 20ms/div
VIN
2V/div
IL
2A/div
VOUT
1V/div


Similar Part No. - AP3436

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
   1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
AP3431M-G1 BCDSEMI-AP3431M-G1 Datasheet
1Mb / 19P
   1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
AP3431MTR-G1 BCDSEMI-AP3431MTR-G1 Datasheet
1Mb / 19P
   1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
More results

Similar Description - AP3436

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
   2A, 1.25MHz Synchronous Buck Converter
TS3420 TSC-TS3420 Datasheet
419Kb / 9P
   2A, 1.25MHz Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4013B IDT-ZSPM4013B Datasheet
661Kb / 21P
   High Efficiency 3A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4013B ETC2-ZSPM4013B Datasheet
1Mb / 23P
   High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013B RENESAS-ZSPM4013B Datasheet
819Kb / 22P
   High Efficiency 3A Synchronous Buck Converter
January 25, 2016
logo
Alpha & Omega Semicondu...
AOZ6763DI AOSMD-AOZ6763DI Datasheet
1Mb / 15P
   3A 1.25MHz Synchronous EZBuckTM Regulator
Rev. 1.0 October 2019
logo
Lite-On Technology Corp...
LSP5523 LITEON-LSP5523 Datasheet
641Kb / 16P
   3A 27V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5523 DIODES-LSP5523 Datasheet
836Kb / 17P
   3A 27V Synchronous Buck Converter
Rev. 7 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com