Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3502E Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3502E
Description  340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3502E Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3502E Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3502E Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3502E Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3502E Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3502E Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3502E Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3502E Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3502E Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3502E Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Preliminary Datasheet
340kHz, 2A Synchronous DC-DC Buck Converter
AP3502E
May. 2012 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
9
Typical Application
C3
4.7nF
C11
10µF/25V
C22
22µF/25V
D1
Optional
L 10µH
R4
100k
R2 10k
R1
26.1k
R3
13k
C6
Optional
C4
10nF
C5
0.1µF
3
5
1
6
7
8
2
4
BS
IN
SW
GND
FB
COMP
EN
SS
C21
22µF/25V
Input Voltage=12V
Output Voltage=3.3V
Figure 16. Typical Application of AP3502E


Similar Part No. - AP3502E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
   2A SYNCHRONOUS DC-DC BUCK CONVERTER
AP3502EM-G1 DIODES-AP3502EM-G1 Datasheet
523Kb / 11P
   2A SYNCHRONOUS DC-DC BUCK CONVERTER
AP3502EMTR-G1 DIODES-AP3502EMTR-G1 Datasheet
523Kb / 11P
   2A SYNCHRONOUS DC-DC BUCK CONVERTER
More results

Similar Description - AP3502E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
   340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6501 DIODES-AP6501 Datasheet
367Kb / 15P
   340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
logo
Anpec Electronics Corop...
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
   2A 24V 340kHz Synchronous Buck Converter
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
   2A SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Anpec Electronics Corop...
APW7336 ANPEC-APW7336 Datasheet
341Kb / 20P
   2A 24V 340kHz synchronous Buck Converter
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
   2A 24V 340kHz synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
   2A 24V 340kHz synchronous Buck Converter
APW7300 ANPEC-APW7300 Datasheet
350Kb / 20P
   2A 24V 340kHz synchronous Buck Converter
APW7302 ANPEC-APW7302 Datasheet
578Kb / 19P
   2A 24V 340kHz Synchronous Buck Converter
logo
Diodes Incorporated
AP3512E DIODES-AP3512E Datasheet
616Kb / 14P
   18V, 2A SYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com