Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3503E Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3503E
Description  340kHz, 3A Synchronous DC-DC Buck Converter Current Mode Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3503E Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3503E Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3503E Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3503E Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3503E Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3503E Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3503E Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3503E Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3503E Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3503E Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Preliminary Datasheet
340kHz, 3A Synchronous DC-DC Buck Converter
AP3503E
May. 2012
Rev. 1. 6
BCD Semiconductor Manufacturing Limited
6
Typical Performance Characteristics
TA=25ºC, VIN=12V, VOUT=3.3V, unless otherwise noted.
Figure 4. Efficiency vs. Load Current
Figure 5. Quiescent Current vs. Temperature
Figure 6. Feedback Voltage vs. Temperature
Figure 7. Output Voltage vs. Load Current
-50
-25
0
25
50
75
100
125
150
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
Temperature (
oC)
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Temperature (
oC)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Load Current (A)
0.01
0.1
1
10
20
30
40
50
60
70
80
90
100
Load Current (A)
V
OUT
=3.3V,L=10µH,T
A
=25
oC
V
IN
=5V
V
IN
=12V


Similar Part No. - AP3503E

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Diodes Incorporated
AP3503 DIODES-AP3503 Datasheet
421Kb / 10P
   SYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503MP-G1 BCDSEMI-AP3503MP-G1 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Diodes Incorporated
AP3503MP-G1 DIODES-AP3503MP-G1 Datasheet
421Kb / 10P
   SYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503MPTR-G1 BCDSEMI-AP3503MPTR-G1 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
More results

Similar Description - AP3503E

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Diodes Incorporated
AP6503 DIODES-AP6503 Datasheet
419Kb / 13P
   340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3502E BCDSEMI-AP3502E Datasheet
597Kb / 11P
   340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A
logo
Diodes Incorporated
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
   340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6501 DIODES-AP6501 Datasheet
367Kb / 15P
   340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
logo
Anpec Electronics Corop...
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
   3A 24V 340kHz synchronous Buck Converter
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com