Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4340 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP4340
Description  DYNAMIC PSR ACCELERATOR Fast Detector of Supply Voltages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4340 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP4340 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4340 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4340 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4340 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4340 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4340 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4340 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4340 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4340 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Preliminary Datasheet
DYNAMIC PSR ACCELERATOR
AP4340
Aug. 2011
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
5
Electrical Characteristics
VCC=5V, TA=25℃, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Supply Voltage ( VCC Pin )
Power-on Voltage (VON)
4.1
4.4
4.8
V
Startup Current
VCC=VON-0.2V
50
200
245
µA
Operating Current
OUT pin floating
VCC=5V
50
240
285
µA
Power-off Voltage
3.45
3.8
4.15
V
Internal Trigger Voltage
4.83
4.9
5
V
Output Section/ Oscillator Section
Duty Cycle
VCC=4.5V
1.5
5
6.5
%
Normal Frequency
VCC=4.5V
25
38
50
kHz
Output Maximum Current
OUT
pin
connect
100
Ω to GND
15
23
30
mA
Note 2: The system output voltage is 5V.


Similar Part No. - AP4340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP4340S DIODES-AP4340S Datasheet
378Kb / 10P
   DYNAMIC PSR ACCELERATOR
AP4340SNTRG1 DIODES-AP4340SNTRG1 Datasheet
378Kb / 10P
   DYNAMIC PSR ACCELERATOR
More results

Similar Description - AP4340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP4340S DIODES-AP4340S Datasheet
378Kb / 10P
   DYNAMIC PSR ACCELERATOR
AP4341S DIODES-AP4341S Datasheet
324Kb / 8P
   DYNAMIC PSR ACCELERATOR
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
   Wide range of supply voltages
REV No:01-060817
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
   Wide range of supply voltages
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339_11 Datasheet
169Kb / 4P
   QUAD Operational Amplifiers Wide range of supply voltages
logo
NXP Semiconductors
HEF4049BT-652 NXP-HEF4049BT-652 Datasheet
141Kb / 12P
   Accepts input voltages in excess of the supply voltage
Rev. 9-18 November 2011
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
logo
STMicroelectronics
AN3169 STMICROELECTRONICS-AN3169 Datasheet
175Kb / 12P
   Technology performance comparison of Triacs subjected to fast transient voltages
logo
Panasonic Semiconductor
AEP17012 PANASONIC-AEP17012 Datasheet
230Kb / 8P
   Control of large voltages and currents
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com