Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV321 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AZV321
Description  SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV321 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV321_10 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
Data Sheet
8
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Figure 12. Output Voltage Swing vs. Supply Voltage
Figure 13. Output Voltage Swing vs. Temperature
Typical Performance Characteristics (Continued)
Figure 14. Gain and Phase
vs. Frequency and Resistive Load
10k
100k
1M
-10
0
10
20
30
40
50
60
70
80
-20
0
20
40
60
80
100
Gain
V
CC=2.5V, VEE=-2.5V
C
L=0
R
L=620Ω
R
L=2KΩ
R
L=100KΩ
Frequency (Hz)
Phase Margin
R
L=620Ω
R
L=2KΩ
R
L=100KΩ
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
90
100
V
CC-VOH
V
OL
Negative Swing
V
EE=0V
R
L=10KΩ to 1/2 VCC
Positive Swing
Supply Voltage (V)
-40
-20
0
204060
80
0
20
40
60
80
100
Negtive Swing_V
OL
Positave Swing_V
CC-VOH
V
CC=2.7V
V
CC=5V
V
CC=2.7V
R
L=10Kto VCC/2
Temperature (
OC)
V
CC=5V


Similar Part No. - AZV321_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV321KSTR-E1 BCDSEMI-AZV321KSTR-E1 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321KSTR-E1 BCDSEMI-AZV321KSTR-E1 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321KSTR-E1 DIODES-AZV321KSTR-E1 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
AZV321KSTR-G1 DIODES-AZV321KSTR-G1 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
BCD Semiconductor Manuf...
AZV321KTR-E1 BCDSEMI-AZV321KTR-E1 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
More results

Similar Description - AZV321_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV331 BCDSEMI-AZV331_10 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_11 Datasheet
520Kb / 11P
   SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358A TI1-LMV358A_17 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com