Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV832M-G1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AZV832M-G1
Description  Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV832M-G1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV832M-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV832M-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV832M-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV832M-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV832M-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV832M-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV832M-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV832M-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AZV832M-G1 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Preliminary Datasheet
Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifiers
Jul. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
11
AZV831/2
Typical Performance Characteristics (Continued)
Figure 8. Input Offset Voltage vs.
Figure 9. Input Offset Voltage vs.
Input Common Mode Voltage
Input Common Mode Voltage
Figure 10. Output Voltage vs. Output Current
Figure 11. Output Voltage vs. Output Current
01234
-6
-5
-4
-3
-2
-1
0
1
V
CC=3.0V
Input Common Mode Voltage (V)
T
A=-40
oC
T
A=25
oC
T
A=85
oC
0123
456
-6
-4
-2
0
2
4
V
CC=5.0V
Input Common Mode Voltage (V)
T
A=-40
oC
T
A=25
oC
T
A=85
oC
0.1
1
10
1
10
100
1000
V
CC=1.6V, VEE=0V
Output Current (mA)
Sink Current
Source Current
0.1
1
10
1
10
100
1000
V
CC=1.8V, VEE=0V
Output Current (mA)
Sink Current
Source Current


Similar Part No. - AZV832M-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV832M-G1 BCDSEMI-AZV832M-G1 Datasheet
779Kb / 24P
   Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
More results

Similar Description - AZV832M-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV832 BCDSEMI-AZV832 Datasheet
779Kb / 24P
   Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
AZV831 BCDSEMI-AZV831 Datasheet
686Kb / 24P
   Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
logo
Analog Devices
ADA4001-2 AD-ADA4001-2 Datasheet
357Kb / 12P
   Low Noise, Low Input Bias Current, Rail-to-Rail
REV. B
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
logo
ON Semiconductor
LMV981 ONSEMI-LMV981_15 Datasheet
387Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
logo
Texas Instruments
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
   Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
MOSA ELECTRONICS
MSV932 MOSA-MSV932 Datasheet
478Kb / 10P
   Rail-to-Rail Input and Output Low Voltage 2.1V, Low Supply Current Dual Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com