Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23138 Datasheet(PDF) 5 Page - Tyco Electronics

Part # V23138
Description  Single Nano Relay (THT ??THR)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23138 Datasheet(HTML) 5 Page - Tyco Electronics

  V23138 Datasheet HTML 1Page - Tyco Electronics V23138 Datasheet HTML 2Page - Tyco Electronics V23138 Datasheet HTML 3Page - Tyco Electronics V23138 Datasheet HTML 4Page - Tyco Electronics V23138 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Single Nano Relay (THT – THR)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 8-2009
All specifications subject to change. Consult Tyco Electronics for latest specifications.
110
Part Numbers
(see table below for coil data)
Contact
Contact
Enclosure
Soldering
Relay Description
Part Number
Arrangement
Material
Technology
V23138-C1005-A403
9-1414964-1
1 Form C
Silver based
Sealed
THT
V23138-R1005-A403
1-1414960-7
1 Form C
Silver based
Open vent hole
THR
Coil Versions
Ordering Information
Coil Data
Rated Coil
Coil Resistance
Must
Must
Allowable Overdrive1)
for
Voltage
±10%
Operate Voltage
Release Voltage
Voltage (V)
Nano Single
(V)
(
Ω)
(V)
(V)
at 23°C
at 105°C
V23138-**005-****
12
180
6.9
1.0
24
14.7
1) Allowable overdrive is stated with no load applied and minimum coil resistance.
Standard Delivery Packs (orders in multiples of delivery pack)
Nano Single:
2600 pieces
Environmental Conditions
Temperature range, storage
Refer to
Storage in the “Glossary” catalog page 23 or http://relays.tycoelectronics.com/appnotes/
Test
Relevant standard
Testing as per
Dimension
Comments
Cold storage
IEC 68-2-1
1000 h
–40°C
Dry heat
IEC 68-2-2
Ba
1000 h
125°C
Climatic cycling with condensation
THT
EN ISO 6988
20 cycles
Storage 8/16 h
Thermal change
IEC 68-2-14
Nb
35 cycles
–40/+125°C
Thermal shock
IEC 68-2-14
Na
1000 cycles
–40/+125°C
Dwell time 1 h
Damp heat
cyclic
THT
IEC 68-2-30
Db, Variant 2
6 cycles
40°C/55°C/93%
constant
THT
IEC 68-2-3
Method Ca
56 days
40°C/ 93%
Corrosive gas
IEC 68-2-42
10 days
IEC 68-2-43
10 days
Vibration resistance
IEC 68-2-6 (sine pulse form)
10 - 500 Hz
No change in the
6 g
switching state > 10
μs
Shock resistance
IEC 68-2-27 (half sine form single pulses)
6 ms
No change in the
up to 30 g
switching state > 10
μs
Solderability
Hot dip 5 s
Aging 3 (4 h/ 155°C)
THT
IEC 68-2-20
Ta, Method 1
215°C
for leaded process (Tm = 183°C)
THR
IEC 68-2-58
245°C
for Pb-free process (Tm = 217°C)
Resistance to soldering heat
Hot dip 10 s
with thermal screen
THT
IEC 68-2-20
Ta, Method 1A
260°C
THR
IEC 68-2-58
260°C
Preheating min 130°C
Sealing
THT
IEC 68-2-17
Qc, Method 2
1 min/ 70°C
THR
Open vent hole


Similar Part No. - V23138

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23130 MACOM-V23130 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
V23130-C2021-A412 MACOM-V23130-C2021-A412 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
V23130-C2421-A431 MACOM-V23130-C2421-A431 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
logo
TE Connectivity Ltd
V23132-A2001-A200 TEC-V23132-A2001-A200 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
V23132-A2001-A200-EV-USBX TEC-V23132-A2001-A200-EV-USBX Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
More results

Similar Description - V23138

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23086 MACOM-V23086 Datasheet
492Kb / 5P
   Micro Relay K (THT - THR)
8-1416000-7 MACOM-8-1416000-7 Datasheet
492Kb / 5P
   Micro Relay K (THT ??THR)
V23201 MACOM-V23201 Datasheet
420Kb / 5P
   Power Relay PK2 (THT ??THR) Single Relays PCB Relays
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
logo
Glenair, Inc.
899-010 GLENAIR-899-010 Datasheet
571Kb / 2P
   Single Row Nano
890-005 GLENAIR-890-005 Datasheet
926Kb / 2P
   Single Row Nano
logo
Schurter Inc.
OGN SCHURTER-OGN_V02 Datasheet
474Kb / 5P
   Fuseholder Open Design, 5 x 20 mm, THT, SMT, THR, IEC 60335-1
26.07.2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com