Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


74VCX2245 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. 74VCX2245
Description  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in B Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 6 page
background image
www.fairchildsemi.com
6
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL,CL 30 pF, VIH VCC, VIL 0V
1.8
0.3
V
B to A
2.5
0.7
3.3
1.0
Quiet Output Dynamic Peak VOL,
CL 30 pF, VIH VCC, VIL 0V
1.8
0.2
V
A to B
2.5
0.45
3.3
0.65
VOLV
Quiet Output Dynamic Valley VOL,
CL 30 pF, VIH VCC, V IL 0V
1.8
0.3
V
B to A
2.5
0.7
3.3
1.0
Quiet Output Dynamic Valley, VOL,CL 30 pF, VIH VCC, V IL 0V
1.8
0.2
V
A to B
2.5
0.45
3.3
0.65
VOHV
Quiet Output Dynamic Valley VOH,CL 30 pF, VIH VCC, V IL 0V
1.8
1.3
V
B to A
2.5
1.7
3.3
2.0
Quiet Output Dynamic Valley VOH,CL 30 pF, VIH VCC, V IL 0V
1.8
1.5
V
A to B
2.5
2.0
3.3
2.5
Symbol
Parameter
Conditions
TA 25qC
Units
Typical
CIN
Input Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
6
pF
CI/O
Input/Output Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI 0V or VCC, f 10 MHz, VCC 1.8V, 2.5V or 3.3V
20
pF




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX2245Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC2245Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in B Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162373Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162827Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl