Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

74VCX32 Datasheet(HTML) 4 Page - Fairchild Semiconductor

Part No. 74VCX32
Description  Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCX32 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VCX32 Datasheet HTML 4Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics (Note 5)
Note 5: For CL 50 pF, add approximately 300 ps to the AC maximum specification.
Note 6: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL 100 PA
2.7 - 3.6
0.2
V
IOL 12 mA
2.7
0.4
IOL 18 mA
3.0
0.4
IOL 24 mA
3.0
0.55
IOL 100 PA
2.3 - 2.7
0.2
IOL 12 mA
2.3
0.4
IOL 18 mA
2.3
0.6
IOL 100 PA
1.65 - 2.3
0.2
IOL 6 mA
1.65
0.3
IOL 100 PA
1.4 - 1.6
0.2
IOL 2 mA
1.4
0.35
IOL 100 PA1.2
0.05
II
Input Leakage Current
0
d VI d 3.6V
1.2 - 3.6
r5.0
PA
IOFF
Power Off Leakage Current
0
d (VI) d 3.6V
0
10
PA
ICC
Quiescent Supply Current
VI VCC or GND
1.2 - 3.6
20
PA
VCC d VI d 3.6V
1.2 - 3.6
r20
'ICC
Increase in ICC per Input
VIH VCC – 0.6V
2.7 - 3.6
750
PA
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
Figure
(V)
Min
Max
Number
tPHL
Propagation Delay
CL 30 pF, RL 500:
3.3
r 0.3
0.6
2.8
ns
Figures
1, 2
tPLH
2.5
r 0.2
0.8
3.7
1.8
r 0.15
1.0
7.4
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
14.8
Figures
3, 4
1.2
1.5
37
tOSHL
Output to Output
CL 30 pF, RL 500:
3.3
r 0.3
0.5
ns
tOSLH
Skew (Note 6)
2.5
r 0.2
0.5
1.8
r 0.15
0.75
CL 15 pF, RL 2k:
1.5
r 0.1
1.5
1.2
1.5


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn