Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1393774-5 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 3-1393774-5
Description  P1 Relay V23026
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1393774-5 Datasheet(HTML) 5 Page - Tyco Electronics

  3-1393774-5 Datasheet HTML 1Page - Tyco Electronics 3-1393774-5 Datasheet HTML 2Page - Tyco Electronics 3-1393774-5 Datasheet HTML 3Page - Tyco Electronics 3-1393774-5 Datasheet HTML 4Page - Tyco Electronics 3-1393774-5 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
02-2012, Rev. 0212
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
AXICOM
Signal Relays
P1 Relay V23026 (Continued)
Product code structure
Typical product code
V23026
A1
002
B201
Type
V23026 P1 Series Signal Relay
Version
A1 THT, monostable
D1 SMT, monostable
B1 THT, bistable (latching), 2 coils
E1 SMT, bistable (latching), 2 coils
C1 THT, bistable (latching), 1 coil
F1 SMT, bistable (latching), 1 coil
Coil
Coil code: please refer to coil versions table
Contacts
B201
1 form C, 1 CO
Product Code
Version
Coil
Coil voltage
Part Number
V23026A1006B201
THT version
monostable
3VDC
1-1393774-7
V23026A1001B201
5VDC
1393774-1
V23026A1005B201
9VDC
1-1393774-5
V23026A1002B201
12VDC
1393774-8
V23026A1004B201
24VDC
1-1393774-2
V23026B1106B201
bistable, 2 coils
3VDC
1393775-3
V23026B1101B201
5VDC
3-1393774-4
V23026B1105B201
9VDC
1393775-2
V23026B1102B201
12VDC
3-1393774-5
V23026C1056B201
3VDC
2-1393774-6
V23026C1051B201
5VDC
2-1393774-0
V23026C1057B201
9VDC
2-1393774-7
V23026C1052B201
12VDC
2-1393774-1
V23026C1054B201
24VDC
2-1393774-4
V23026D1026B201
SMT version
monostable
3VDC
1393776-8
V23026D1021B201
5VDC
1393776-3
V23026D1025B201
9VDC
1422015-9
V23026D1022B201
12VDC
1393776-4
V23026D1024B201
24VDC
1393776-7
V23026E1106B201
bistable, 2 coils
3VDC
1393777-3
V23026E1101B201
5VDC
1422015-6
V23026E1105B201
9VDC
1393777-2
V23026E1102B201
12VDC
1393776-9
V23026F1051B201
9VDC
1422015-8
V23026F1052B201
12VDC
4-1393774-3


Similar Part No. - 3-1393774-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-1393774-5 TEC-3-1393774-5 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
3-1393774-5 TEC-3-1393774-5 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
More results

Similar Description - 3-1393774-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393774-6 MACOM-2-1393774-6 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-0 MACOM-2-1393774-0 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-1 MACOM-2-1393774-1 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-4 MACOM-2-1393774-4 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-7 MACOM-2-1393774-7 Datasheet
2Mb / 5P
   P1 Relay V23026
V23026 MACOM-V23026 Datasheet
730Kb / 10P
   P1 Relay
logo
List of Unclassifed Man...
YS05S16-0G ETC2-YS05S16-0G Datasheet
870Kb / 23P
   GPS Module TC6000GN-P1
PFC500-1048F ETC2-PFC500-1048F Datasheet
870Kb / 23P
   GPS Module TC6000GN-P1
logo
Rohm
SML-P12VTT86 ROHM-SML-P12VTT86 Datasheet
644Kb / 9P
   SML-P1 series
logo
PHOENIX CONTACT
5145562 PHOENIX-5145562 Datasheet
50Kb / 2P
   Accessories - P1 ENGRAVING SPINDLE
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com