Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7128STC100-15N Datasheet(PDF) 25 Page - Altera Corporation

Part # EPM7128STC100-15N
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7128STC100-15N Datasheet(HTML) 25 Page - Altera Corporation

Back Button EPM7128STC100-15N Datasheet HTML 21Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 22Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 23Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 24Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 25Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 26Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 27Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 28Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
Altera Corporation
25
MAX 7000 Programmable Logic Device Family Data Sheet
Design Security
All MAX 7000 devices contain a programmable security bit that controls
access to the data programmed into the device. When this bit is
programmed, a proprietary design implemented in the device cannot be
copied or retrieved. This feature provides a high level of design security
because programmed data within EEPROM cells is invisible. The security
bit that controls this function, as well as all other programmed data, is
reset only when the device is reprogrammed.
Generic Testing
Each MAX 7000 device is functionally tested. Complete testing of each
programmable EEPROM bit and all internal logic elements ensures 100%
programming yield. AC test measurements are taken under conditions
equivalent to those shown in Figure 10. Test patterns can be used and then
erased during early stages of the production flow.
Figure 10. MAX 7000 AC Test Conditions
QFP Carrier &
Development
Socket
MAX 7000 and MAX 7000E devices in QFP packages with 100 or more
pins are shipped in special plastic carriers to protect the QFP leads. The
carrier is used with a prototype development socket and special
programming hardware available from Altera. This carrier technology
makes it possible to program, test, erase, and reprogram a device without
exposing the leads to mechanical stress.
f For detailed information and carrier dimensions, refer to the QFP Carrier
& Development Socket Data Sheet.
1
MAX 7000S devices are not shipped in carriers.
VCC
To Test
System
C1 (includes JIG
capacitance)
Device input
rise and fall
times < 3 ns
Device
Output
464
Ω
[703
Ω]
250
[8.06
]
Ω
K
Ω
Power supply transients can affect AC
measurements. Simultaneous
transitions of multiple outputs should be
avoided for accurate measurement.
Threshold tests must not be performed
under AC conditions. Large-amplitude,
fast ground-current transients normally
occur as the device outputs discharge
the load capacitances. When these
transients flow through the parasitic
inductance between the device ground
pin and the test system ground,
significant reductions in observable
noise immunity can result. Numbers in
brackets are for 2.5-V devices and
outputs. Numbers without brackets are
for 3.3-V devices and outputs.


Similar Part No. - EPM7128STC100-15N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128STC100-15 ALTERA-EPM7128STC100-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7128STC100-15N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com