Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7128STC100-15N Datasheet(PDF) 36 Page - Altera Corporation

Part # EPM7128STC100-15N
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7128STC100-15N Datasheet(HTML) 36 Page - Altera Corporation

Back Button EPM7128STC100-15N Datasheet HTML 32Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 33Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 34Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 35Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 36Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 37Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 38Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 39Page - Altera Corporation EPM7128STC100-15N Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
36
Altera Corporation
MAX 7000 Programmable Logic Device Family Data Sheet
Table 24. MAX 7000 & MAX 7000E Internal Timing Parameters
Note (1)
Symbol
Parameter
Conditions
Speed Grade
Unit
MAX 7000E (-12P)
MAX 7000 (-12)
MAX 7000E (-12)
Min
Max
Min
Max
tIN
Input pad and buffer delay
1.0
2.0
ns
tIO
I/O input pad and buffer delay
1.0
2.0
ns
tFIN
Fast input delay
(2)
1.0
1.0
ns
tSEXP
Shared expander delay
7.0
7.0
ns
tPEXP
Parallel expander delay
1.0
1.0
ns
tLAD
Logic array delay
7.0
5.0
ns
tLAC
Logic control array delay
5.0
5.0
ns
tIOE
Internal output enable delay
(2)
2.0
2.0
ns
tOD1
Output buffer and pad delay
Slow slew rate = off
VCCIO = 5.0 V
C1 = 35 pF
1.0
3.0
ns
tOD2
Output buffer and pad delay
Slow slew rate = off
VCCIO = 3.3 V
C1 = 35 pF (7)
2.0
4.0
ns
tOD3
Output buffer and pad delay
Slow slew rate = on
VCCIO = 5.0 V or 3.3 V
C1 = 35 pF (2)
5.0
7.0
ns
tZX1
Output buffer enable delay
Slow slew rate = off
VCCIO = 5.0 V
C1 = 35 pF
6.0
6.0
ns
tZX2
Output buffer enable delay
Slow slew rate = off
VCCIO = 3.3 V
C1 = 35 pF (7)
7.0
7.0
ns
tZX3
Output buffer enable delay
Slow slew rate = on
VCCIO = 5.0 V or 3.3 V
C1 = 35 pF (2)
10.0
10.0
ns
tXZ
Output buffer disable delay
C1 = 5 pF
6.0
6.0
ns
tSU
Register setup time
1.0
4.0
ns
tH
Register hold time
6.0
4.0
ns
tFSU
Register setup time of fast input
(2)
4.0
2.0
ns
tFH
Register hold time of fast input
(2)
0.0
2.0
ns
tRD
Register delay
2.0
1.0
ns
tCOMB
Combinatorial delay
2.0
1.0
ns
tIC
Array clock delay
5.0
5.0
ns
tEN
Register enable time
7.0
5.0
ns
tGLOB
Global control delay
2.0
0.0
ns
tPRE
Register preset time
4.0
3.0
ns
tCLR
Register clear time
4.0
3.0
ns
tPIA
PIA delay
1.0
1.0
ns
tLPA
Low-power adder
(8)
12.0
12.0
ns


Similar Part No. - EPM7128STC100-15N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128STC100-15 ALTERA-EPM7128STC100-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7128STC100-15N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com