Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCXH162244MTX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74VCXH162244MTX
Description  Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH162244MTX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74VCXH162244MTX Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH162244MTX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Connection Diagram
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial (HIGH or LOW, inputs may not float)
Z
= High Impedance
Functional Description
The 74VCXH162244 contains sixteen non-inverting buffers with 3-STATE outputs. The device is nibble (4 bits) controlled
with each nibble functioning identically, but independent of each other. The control pins may be shorted together to obtain
full 16-bit operation.The 3-STATE outputs are controlled by an Output Enable (OEn) input. When OEn is LOW, the outputs
are in the 2-state mode. When OEn is HIGH, the standard outputs are in the high impedance mode but this does not inter-
fere with entering new data into the inputs.
Logic Diagram
Inputs
Outputs
OE1
I0–I3
O0–O3
LL
L
LH
H
HX
Z
Inputs
Outputs
OE2
I4–I7
O4–O7
LL
L
LH
H
HX
Z
Inputs
Outputs
OE3
I8–I11
O8–O11
LL
L
LH
H
HX
Z
Inputs
Outputs
OE4
I12–I15
O12–O15
LL
L
LH
H
HX
Z


Similar Part No. - 74VCXH162244MTX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH162244MTX FAIRCHILD-74VCXH162244MTX Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
More results

Similar Description - 74VCXH162244MTX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH16244 FAIRCHILD-74VCXH16244 Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74ALVCH16240 FAIRCHILD-74ALVCH16240 Datasheet
85Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com