Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM483EARZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM483EARZ
Description  짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM483EARZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM483EARZ Datasheet HTML 7Page - Analog Devices ADM483EARZ Datasheet HTML 8Page - Analog Devices ADM483EARZ Datasheet HTML 9Page - Analog Devices ADM483EARZ Datasheet HTML 10Page - Analog Devices ADM483EARZ Datasheet HTML 11Page - Analog Devices ADM483EARZ Datasheet HTML 12Page - Analog Devices ADM483EARZ Datasheet HTML 13Page - Analog Devices ADM483EARZ Datasheet HTML 14Page - Analog Devices ADM483EARZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM483E
Rev. A | Page 11 of 16
GENERAL INFORMATION
The ADM483E is a robust RS-485 transceiver that operates
from a single 5 V supply.
It is ideally suited for operation in electrically harsh environ-
ments or where cables may be plugged and unplugged. It is also
immune to high RF field strengths without special shielding
precautions. The ADM483E is intended for balanced data
transmission and complies with both EIA Standards RS-485 and
RS-422. It contains a differential line driver and a differential
line receiver; it is suitable for half-duplex data transmission
because the driver and receiver share the same differential pins.
The input impedance on the ADM483E is 12 kΩ, allowing up to
32 transceivers on the differential bus.
The ADM483E operates from a single 5 V ± 10% power supply.
Excessive power dissipation caused by bus contention or by
output shorting is prevented by a thermal shutdown circuit.
This feature forces the driver output into a high impedance state
if, during fault conditions, a significant temperature increase is
detected in the internal driver circuitry.
The receiver has a fail-safe feature that results in a logic high
output state if the inputs are unconnected (floating).
A high level of robustness is achieved using internal protection
circuitry, eliminating the need for external protection components
such as transorbs or surge suppressors.
Low electromagnetic emissions are achieved using slew limited
drivers, minimizing interference both conducted and radiated.
The ADM483E can transmit at data rates up to 250 kbps.
A typical application for the ADM483E is illustrated in Figure 23.
This figure shows a half-duplex link where data may be
transferred at rates up to 250 kbps. A terminating resistor is
shown at both ends of the link. This termination is not critical
because the slew rate is controlled by the ADM483E and
reflections are minimized.
The communications network can be extended to include
multipoint connections as shown in Figure 26. Up to 32
transceivers can be connected to the bus.
E
3
8
4
M
D
A
E
3
8
4
M
D
A
RS-485/RS-422 LINK
RO
DI
DE
DI
DE
B
A
GND
B
A
GND
RO
0.1µF
0.1µF
+5V
+5V
VCC
VCC
RE
RE
Figure 23. Typical Half-Duplex Link Application
Table 6 and Table 7 show the truth tables for transmitting and
receiving.
Table 6. Transmitting Truth Table
Inputs
Outputs
RE
DE
DI
B
A
X1
1
1
0
1
X1
1
0
1
0
0
0
X1
High-Z
High-Z
1
0
X1
High-Z
High-Z
1 X = don’t care.
Table 7. Receiving Truth Table
Inputs
Outputs
RE
DE
A − B
RO
0
0
≥ +0.2 V
1
0
0
≤ −0.2 V
0
0
0
Inputs O/C
1
1
0
X1
High-Z
1 X = don’t care.
ESD TRANSIENT PROTECTION SCHEME
The ADM483E uses protective clamping structures on its inputs
and outputs that clamp the voltage to a safe level and dissipate
the energy present in ESD (electrostatic discharge).
The protection structure achieves ESD protection up to ±15 kV
according to the Human Body Model.


Similar Part No. - ADM483EARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483EARZ1 AD-ADM483EARZ1 Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM483EARZ1 AD-ADM483EARZ1 Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
More results

Similar Description - ADM483EARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483E AD-ADM483E_V01 Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483E AD-ADM483E Datasheet
324Kb / 12P
   -15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV. 0
ADM383 AD-ADM383_15 Datasheet
310Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483 AD-ADM483 Datasheet
218Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM383 AD-ADM383 Datasheet
309Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com