Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM1402BRWZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADuM1402BRWZ
Description  Quad-Channel Digital Isolators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1402BRWZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuM1402BRWZ Datasheet HTML 3Page - Analog Devices ADuM1402BRWZ Datasheet HTML 4Page - Analog Devices ADuM1402BRWZ Datasheet HTML 5Page - Analog Devices ADuM1402BRWZ Datasheet HTML 6Page - Analog Devices ADuM1402BRWZ Datasheet HTML 7Page - Analog Devices ADuM1402BRWZ Datasheet HTML 8Page - Analog Devices ADuM1402BRWZ Datasheet HTML 9Page - Analog Devices ADuM1402BRWZ Datasheet HTML 10Page - Analog Devices ADuM1402BRWZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADuM1400/ADuM1401/ADuM1402
Rev. H | Page 7 of 32
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
ADuM140xBRW
Minimum Pulse Width3
PW
100
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate4
10
Mbps CL = 15 pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
20
38
50
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|5
PWD
3
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
5
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew6
tPSK
22
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching, Codirectional
Channels7
tPSKCD
3
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching, Opposing-
Directional Channels7
tPSKOD
6
ns
CL = 15 pF, CMOS signal levels
ADuM140xCRW
Minimum Pulse Width3
PW
8.3
11.1
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate4
90
120
Mbps CL = 15 pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
20
34
45
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|5
PWD
0.5
2
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
3
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew6
tPSK
16
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching, Codirectional
Channels7
tPSKCD
2
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching, Opposing-
Directional Channels7
tPSKOD
5
ns
CL = 15 pF, CMOS signal levels
For All Models
Output Disable Propagation Delay (High/Low to
High Impedance)
tPHZ, tPLH
6
8
ns
CL = 15 pF, CMOS signal levels
Output Enable Propagation Delay (High
Impedance to High/Low)
tPZH, tPZL
6
8
ns
CL = 15 pF, CMOS signal levels
Output Rise/Fall Time (10% to 90%)
tR/tF
3
ns
CL = 15 pF, CMOS signal levels
Common-Mode Transient Immunity at Logic
High Output8
|CMH|
25
35
kV/μs VIx = VDD1 or VDD2, VCM = 1000 V,
transient magnitude = 800 V
Common-Mode Transient Immunity at Logic
Low Output8
|CML|
25
35
kV/μs VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.1
Mbps
Input Dynamic Supply Current per Channel9
IDDI (D)
0.10
mA/
Mbps
Output Dynamic Supply Current per Channel9
IDDO (D)
0.03
mA/
Mbps
1 All voltages are relative to their respective ground.
2 The supply current values for all four channels are combined when running at identical data rates. Output supply current values are specified with no output load
present. The supply current associated with an individual channel operating at a given data rate may be calculated as described in the
section.
See F
through F
for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See F
through
for total VDD1 and VDD2 supply currents as a function of data rate for ADuM1400/ADuM1401/ADuM1402 channel configurations.
Power Consumption
Power Consumption
igure 8
Figure 8
igure 10
Figure 10
igure 11
Figure 15
3 The minimum pulse width is the shortest pulse width at which the specified pulse width distortion is guaranteed.
4 The maximum data rate is the fastest data rate at which the specified pulse width distortion is guaranteed.
5 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is
measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal.
6 tPSK is the magnitude of the worst-case difference in tPHL or tPLH that is measured between units at the same operating temperature, supply voltages, and output load
within the recommended operating conditions.
7 Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of
the isolation barrier. Opposing-directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with
inputs on opposing sides of the isolation barrier.
8 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate
that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient
magnitude is the range over which the common mode is slewed.
9 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in signal data rate. See
through
for information
on per-channel supply current for unloaded and loaded conditions. See the
section for guidance on calculating the per-channel supply current
for a given data rate.


Similar Part No. - ADuM1402BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1402BRWZ AD-ADUM1402BRWZ Datasheet
797Kb / 24P
   Quad-Channel Digital Isolators
REV. B
ADuM1402BRWZ AD-ADuM1402BRWZ Datasheet
794Kb / 32P
   Quad-Channel Digital Isolators
Rev. G
ADuM1402BRWZ AD-ADuM1402BRWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1402BRWZ AD-ADUM1402BRWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADuM1402BRWZ AD-ADuM1402BRWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results

Similar Description - ADuM1402BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com