Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCXH245 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VCXH245
Description  Low Voltage Bidirectional Transceiver with Bushold
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH245 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VCXH245 Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH245 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 2: IO Absolute Maximum Rating must be observed.
Note 3: Floating or unused control inputs must be held HIGH or LOW.
DC Electrical Characteristics
(2.7V
< V
CC ≤ 3.6V)
Note 4: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 5: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VI)
T/R, OE
−0.5V to +4.6V
I/O Ports
−0.5V to V
CC+ 0.5V
DC Output Voltage (VO)(Note 2)
−0.5V to V
CC + 0.5V
DC Input Diode Current (IIK) VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
VO > VCC
+50 mA
DC Output Source/Sink Current
(IOH/IOL)
±50 mA
DC VCC or Ground Current
±100 mA
Storage Temperature (TSTG)
−65°C to +150°C
Power Supply
Operating
1.65V to 3.6V
Data Retention Only
1.2V to 3.6V
Input Voltage
−0.3V to V
CC
Output Voltage (VO)0V to VCC
Output Current in IOH/IOL
VCC = 3.0V to 3.6V
±24 mA
VCC = 2.3V to 2.7V
±18 mA
VCC = 1.65V to 2.3V
±6 mA
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
2.7–3.6
2.0
V
VIL
LOW Level Input Voltage
2.7–3.6
0.8
V
VOH
HIGH Level Output Voltage
IOH = −100 µA
2.7–3.6
VCC − 0.2
V
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
IOH = −24 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL = 100 µA
2.7–3.6
0.2
V
IOL = 12 mA
2.7
0.4
IOL = 18 mA
3.0
0.4
IOL = 24 mA
3.0
0.55
II
Input Leakage Current
VIN = VCC or GND
2.7–3.6
±5.0
µA
II(HOLD)
Bushold Input Minimum
VIN = 0.8V
3.0
75
µA
Drive Hold Current
VIN = 2.0V
3.0
−75
II(OD)
Bushold Input Over-Drive
(Note 4)
3.6
450
µA
Current to Change State
(Note 5)
3.6
−450
IOZ
3-STATE Output Leakage
VO = VCC or GND
2.7–3.6
±10
µA
VI = VIH or VIL
ICC
Quiescent Supply Current
VI = VCC or GND
2.7–3.6
20
µA
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.7–3.6
750
µA


Similar Part No. - 74VCXH245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCXH245 ONSEMI-74VCXH245 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
logo
Fairchild Semiconductor
74VCXH245 FAIRCHILD-74VCXH245 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74VCXH245MNR2 ONSEMI-74VCXH245MNR2 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
74VCXH245MNR2G ONSEMI-74VCXH245MNR2G Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
logo
Fairchild Semiconductor
74VCXH245MTC FAIRCHILD-74VCXH245MTC Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
More results

Similar Description - 74VCXH245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH245 FAIRCHILD-74ALVCH245 Datasheet
82Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold
74VCXH245 FAIRCHILD-74VCXH245_05 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245 FAIRCHILD-74LCXH245 Datasheet
197Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245 ONSEMI-74LCXH245 Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74LCXH32245 FAIRCHILD-74LCXH32245 Datasheet
177Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com