Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-M456 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M456
Description  Small Outline, 5 Lead Intelligent Power Module Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M456 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-M456 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Figure 7. CMR Test Circuit.
Figure 6. Propagation Delay Test Circuit.
Typical CMR Waveform.
0.1
PF
VCC = 15 V
20 k
:
6
5
4
1
3
SHIELD
IF(ON) =10 mA
VOUT
CL*
+
*TOTAL LOAD
CAPACITANCE
+
If
VO
VTHHL
tPHL
tPLH
tf
tr
90%
10%
90%
10%
VTHLH
0.1
PF
VCC = 15 V
20 k
:
6
5
4
1
3
SHIELD
A
IF
VOUT
100 pF*
+
*100 pF TOTAL
CAPACITANCE
+
+
B
VFF
VCM = 1500 V
VCM
Dt
O V
VO
VO
SWITCH AT A: IF = 0 mA
SWITCH AT B: IF = 10 mA
VCC
VOL
VCM
't
GV
Gt
=


Similar Part No. - HCPL-M456

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M456 HP-HCPL-M456 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results

Similar Description - HCPL-M456

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M46T AVAGO-ACPL-M46T Datasheet
170Kb / 13P
   Automotive Intelligent Power Module with R2Coupler Isolation and Small Outline, 5 Lead Package
HCPL-M454 AVAGO-HCPL-M454 Datasheet
235Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-M454 HP-HCPL-M454 Datasheet
82Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Siemens Semiconductor G...
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211A SIEMENS-IL211A Datasheet
46Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com