Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2B Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # ES2B
Description  Surface Mount Efficient Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

ES2B Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  ES2B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. ES2B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
2.0
1.2
0.8
0.4
1.6
0.1
1.0
10
0.01
0.6
0.4
0.8
1.0
1.2
1.4
1.6
1.8
0
0
50
100
150
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
10
20
30
40
60
50
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
ES2A-ES2D
ES2G
ES2J
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
ES2A THRU ES2J
Voltage Range 50 to 600 V
Current 2.0 Ampere
Surface Mount Efficient Fast Recovery Rectifier
XINGHE ELECTRONICS
星合电子


Similar Part No. - ES2B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2B JGD-ES2B Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
ES2B HY-ES2B Datasheet
414Kb / 3P
   Surface Mount Super Fast Glass Passivated Rectifiters
logo
Bruckewell Technology L...
ES2B BWTECH-ES2B Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Galaxy Semi-Conductor H...
ES2B BILIN-ES2B Datasheet
118Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
RFE international
ES2B RFE-ES2B Datasheet
149Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
More results

Similar Description - ES2B

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
EFS1A YENYO-EFS1A Datasheet
663Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES1A YENYO-ES1A Datasheet
792Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES2A YENYO-ES2A Datasheet
801Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS1AB YENYO-EFS1AB Datasheet
709Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES3A YENYO-ES3A Datasheet
754Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
MUR140B YENYO-MUR140B Datasheet
786Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES3AB YENYO-ES3AB Datasheet
673Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS3A YENYO-EFS3A Datasheet
756Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS2A YENYO-EFS2A Datasheet
665Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
logo
Comchip Technology
EF1A COMCHIP-EF1A Datasheet
82Kb / 2P
   Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com