Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K271M15X7RF5.L2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # K271M15X7RF5.L2
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K271M15X7RF5.L2 Datasheet(HTML) 5 Page - Vishay Siliconix

  K271M15X7RF5.L2 Datasheet HTML 1Page - Vishay Siliconix K271M15X7RF5.L2 Datasheet HTML 2Page - Vishay Siliconix K271M15X7RF5.L2 Datasheet HTML 3Page - Vishay Siliconix K271M15X7RF5.L2 Datasheet HTML 4Page - Vishay Siliconix K271M15X7RF5.L2 Datasheet HTML 5Page - Vishay Siliconix K271M15X7RF5.L2 Datasheet HTML 6Page - Vishay Siliconix K271M15X7RF5.L2 Datasheet HTML 7Page - Vishay Siliconix K271M15X7RF5.L2 Datasheet HTML 8Page - Vishay Siliconix K271M15X7RF5.L2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 45175
For technical questions, contact: cmll@vishay.com
www.vishay.com
Revision: 16-Nov-09
59
Mono-Kap
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
Vishay
390
50
K391K15X7RF5.L2
K391M15X7RF5.L2
2.5 (0.10)
390
K391K15X7RF5.H5
K391M15X7RF5.H5
5.0 (0.20)
470
K471K15X7RF5.L2
K471M15X7RF5.L2
2.5 (0.10)
470
K471K15X7RF5.H5
K471M15X7RF5.H5
5.0 (0.20)
560
K561K15X7RF5.L2
K561M15X7RF5.L2
2.5 (0.10)
560
K561K15X7RF5.H5
K561M15X7RF5.H5
5.0 (0.20)
680
K681K15X7RF5.L2
K681M15X7RF5.L2
2.5 (0.10)
680
K681K15X7RF5.H5
K681M15X7RF5.H5
5.0 (0.20)
820
K821K15X7RF5.L2
K821M15X7RF5.L2
2.5 (0.10)
820
K821K15X7RF5.H5
K821M15X7RF5.H5
5.0 (0.20)
1000
K102K15X7RF5.L2
K102M15X7RF5.L2
2.5 (0.10)
1000
K102K15X7RF5.H5
K102M15X7RF5.H5
5.0 (0.20)
1200
K122K15X7RF5.L2
K122M15X7RF5.L2
2.5 (0.10)
1200
K122K15X7RF5.H5
K122M15X7RF5.H5
5.0 (0.20)
1500
K152K15X7RF5.L2
K152M15X7RF5.L2
2.5 (0.10)
1500
K152K15X7RF5.H5
K152M15X7RF5.H5
5.0 (0.20)
1800
K182K15X7RF5.L2
K182M15X7RF5.L2
2.5 (0.10)
1800
K182K15X7RF5.H5
K182M15X7RF5.H5
5.0 (0.20)
2200
K222K15X7RF5.L2
K222M15X7RF5.L2
2.5 (0.10)
2200
K222K15X7RF5.H5
K222M15X7RF5.H5
5.0 (0.20)
2700
K272K15X7RF5.L2
K272M15X7RF5.L2
2.5 (0.10)
2700
K272K15X7RF5.H5
K272M15X7RF5.H5
5.0 (0.20)
3300
K332K15X7RF5.L2
K332M15X7RF5.L2
2.5 (0.10)
3300
K332K15X7RF5.H5
K332M15X7RF5.H5
5.0 (0.20)
3900
K392K15X7RF5.L2
K392M15X7RF5.L2
2.5 (0.10)
3900
K392K15X7RF5.H5
K392M15X7RF5.H5
5.0 (0.20)
4700
K472K15X7RF5.L2
K472M15X7RF5.L2
2.5 (0.10)
4700
K472K15X7RF5.H5
K472M15X7RF5.H5
5.0 (0.20)
5600
K562K15X7RF5.L2
K562M15X7RF5.L2
2.5 (0.10)
5600
K562K15X7RF5.H5
K562M15X7RF5.H5
5.0 (0.20)
6800
K682K15X7RF5.L2
K682M15X7RF5.L2
2.5 (0.10)
6800
K682K15X7RF5.H5
K682M15X7RF5.H5
5.0 (0.20)
8200
K822K15X7RF5.L2
K822M15X7RF5.L2
2.5 (0.10)
8200
K822K15X7RF5.H5
K822M15X7RF5.H5
5.0 (0.20)
10 000
K103K15X7RF5.L2
K103M15X7RF5.L2
2.5 (0.10)
10 000
K103K15X7RF5.H5
K103M15X7RF5.H5
5.0 (0.20)
12 000
K123K15X7RF5.L2
K123M15X7RF5.L2
2.5 (0.10)
12 000
K123K15X7RF5.H5
K123M15X7RF5.H5
5.0 (0.20)
15 000
K153K15X7RF5.L2
K153M15X7RF5.L2
2.5 (0.10)
15 000
K153K15X7RF5.H5
K153M15X7RF5.H5
5.0 (0.20)
18 000
K183K15X7RF5.L2
K183M15X7RF5.L2
2.5 (0.10)
18 000
K183K15X7RF5.H5
K183M15X7RF5.H5
5.0 (0.20)
22 000
K223K15X7RF5.L2
K223M15X7RF5.L2
2.5 (0.10)
22 000
K223K15X7RF5.H5
K223M15X7RF5.H5
5.0 (0.20)
27 000
K273K15X7RF5.L2
K273M15X7RF5.L2
2.5 (0.10)
27 000
K273K15X7RF5.H5
K273M15X7RF5.H5
5.0 (0.20)
MONO-KAP X7R - 50 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
20 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)


Similar Part No. - K271M15X7RF5.L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K271M15X7RF5.L2 VISHAY-K271M15X7RF5.L2 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
More results

Similar Description - K271M15X7RF5.L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com