Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKS1K332MESA Datasheet(PDF) 3 Page - Nichicon corporation

Part # LKS1K332MESA
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKS1K332MESA Datasheet(HTML) 3 Page - Nichicon corporation

  LKS1K332MESA Datasheet HTML 1Page - Nichicon corporation LKS1K332MESA Datasheet HTML 2Page - Nichicon corporation LKS1K332MESA Datasheet HTML 3Page - Nichicon corporation LKS1K332MESA Datasheet HTML 4Page - Nichicon corporation LKS1K332MESA Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
22
× 20
20
× 25
25
× 20
22
× 25
20
× 30
30
× 20
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 30
35
× 20
20
× 50
22
× 40
25
× 35
30
× 25
22
× 45
30
× 30
22
× 50
25
× 40
30
× 35
35
× 25
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1.45
1.60
1.60
1.70
1.85
1.85
2.10
2.10
2.10
2.35
2.35
2.35
2.35
2.60
2.60
2.60
2.60
2.90
2.90
3.20
3.20
3.20
3.20
3.50
3.50
3.50
3.80
3.80
4.15
4.15
4.45
4.75
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
LKSN2122MESZ
LKSN2152MESY
LKSN2152MESA
LKSN2182MESZ
LKSN2222MESY
LKSN2222MESB
LKSN2272MESY
LKSN2272MESZ
LKSN2272MESA
LKSN2332MESY
LKSN2332MESZ
LKSN2332MESA
LKSN2332MESC
LKSN2392MESY
LKSN2392MESZ
LKSN2392MESA
LKSN2392MESB
LKSN2472MESZ
LKSN2472MESB
LKSN2562MESZ
LKSN2562MESA
LKSN2562MESB
LKSN2562MESC
LKSN2682MESA
LKSN2682MESB
LKSN2682MESC
LKSN2822MESB
LKSN2822MESC
LKSN2103MESB
LKSN2103MESC
LKSN2123MESC
LKSN2153MESC
56V (N2)
Rated ripple
(Arms)
tan
δ
Code
Size
φD
× L (mm)
Cap.
(µF)
Rated ripple current (Arms) at 85°C 120 Hz
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
22
× 20
20
× 25
25
× 20
20
× 30
22
× 25
20
× 35
22
× 30
30
× 20
20
× 40
22
× 35
25
× 25
20
× 45
22
× 40
25
× 30
35
× 20
20
× 50
22
× 45
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
1.40
1.60
1.60
1.80
1.80
2.00
2.00
2.00
2.25
2.25
2.25
2.50
2.50
2.50
2.50
2.70
2.70
2.70
2.70
3.05
3.05
3.05
3.05
3.40
3.40
3.40
3.75
3.75
4.05
4.05
4.35
4.35
4.60
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
LKSH2102MESZ
LKSH2122MESY
LKSH2122MESA
LKSH2152MESY
LKSH2152MESZ
LKSH2182MESY
LKSH2182MESZ
LKSH2182MESB
LKSH2222MESY
LKSH2222MESZ
LKSH2222MESA
LKSH2272MESY
LKSH2272MESZ
LKSH2272MESA
LKSH2272MESC
LKSH2332MESY
LKSH2332MESZ
LKSH2332MESA
LKSH2332MESB
LKSH2392MESZ
LKSH2392MESA
LKSH2392MESB
LKSH2392MESC
LKSH2472MESA
LKSH2472MESB
LKSH2472MESC
LKSH2562MESA
LKSH2562MESB
LKSH2682MESB
LKSH2682MESC
LKSH2822MESB
LKSH2822MESC
LKSH2103MESC
71V (H2)
Rated ripple
(Arms)
tan
δ
Code
Size
φD
× L (mm)
Cap.
(µF)
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
22
× 20
20
× 25
25
× 20
20
× 30
22
× 25
30
× 20
20
× 35
22
× 30
25
× 25
20
× 45
22
× 35
25
× 30
35
× 20
20
× 50
22
× 45
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1.40
1.55
1.55
1.70
1.70
1.95
2.25
2.25
2.25
2.45
2.45
2.45
2.45
2.70
2.70
2.70
2.70
3.00
3.00
3.00
3.00
3.30
3.30
3.60
3.60
3.60
3.95
3.95
4.25
4.25
4.55
4.70
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
LKS1K821MESZ
LKS1K102MESY
LKS1K102MESA
LKS1K122MESY
LKS1K122MESZ
LKS1K152MESB
LKS1K182MESY
LKS1K182MESZ
LKS1K182MESA
LKS1K222MESY
LKS1K222MESZ
LKS1K222MESA
LKS1K222MESC
LKS1K272MESY
LKS1K272MESZ
LKS1K272MESA
LKS1K272MESB
LKS1K332MESZ
LKS1K332MESA
LKS1K332MESB
LKS1K332MESC
LKS1K392MESA
LKS1K392MESB
LKS1K472MESA
LKS1K472MESB
LKS1K472MESC
LKS1K562MESB
LKS1K562MESC
LKS1K682MESB
LKS1K682MESC
LKS1K822MESC
LKS1K103MESC
80V (1K)
Rated ripple
(Arms)
tan
δ
Code
Size
φD
× L (mm)
Cap.
(µF)
Dimensions
22
× 20
20
× 25
25
× 20
20
× 30
22
× 25
30
× 20
20
× 35
22
× 30
25
× 25
20
× 45
22
× 35
25
× 30
35
× 20
20
× 50
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
1.50
1.65
1.65
1.80
1.80
2.00
2.25
2.25
2.25
2.45
2.45
2.45
2.45
2.70
2.70
2.70
2.70
3.00
3.00
3.00
3.00
3.30
3.30
3.65
3.65
3.65
4.05
4.05
4.40
4.40
4.75
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
LKS1J122MESZ
LKS1J152MESY
LKS1J152MESA
LKS1J182MESY
LKS1J182MESZ
LKS1J222MESB
LKS1J272MESY
LKS1J272MESZ
LKS1J272MESA
LKS1J332MESY
LKS1J332MESZ
LKS1J332MESA
LKS1J332MESC
LKS1J392MESY
LKS1J392MESZ
LKS1J392MESA
LKS1J392MESB
LKS1J472MESZ
LKS1J472MESA
LKS1J472MESB
LKS1J472MESC
LKS1J562MESA
LKS1J562MESB
LKS1J682MESA
LKS1J682MESB
LKS1J682MESC
LKS1J822MESB
LKS1J822MESC
LKS1J103MESB
LKS1J103MESC
LKS1J123MESC
63V (1J)
Rated ripple
(Arms)
tan
δ
Code
Size
φD
× L (mm)
Cap.
(µF)
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
KS
series
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100B


Similar Part No. - LKS1K332MESA

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LKS1.30 COOPER-LKS1.30 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
logo
KOA Speer Electronics, ...
LKS1045TTEG3M KOA-LKS1045TTEG3M Datasheet
145Kb / 2P
   power chip inductors shielded type
LKS1045TTEG3N KOA-LKS1045TTEG3N Datasheet
145Kb / 2P
   power chip inductors shielded type
logo
Cooper Bussmann, Inc.
LKS110.200 COOPER-LKS110.200 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
logo
KOA Speer Electronics, ...
LKS1260TTEG3M KOA-LKS1260TTEG3M Datasheet
145Kb / 2P
   power chip inductors shielded type
More results

Similar Description - LKS1K332MESA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com