Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC125MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHC125MTC
Description  Quad Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC125MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC125MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHC125MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHC125MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHC125MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHC125MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHC125MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHC125MTC Datasheet HTML 7Page - Fairchild Semiconductor 74VHC125MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 5: Parameter guaranteed by design. tOSLH |tPLHmax  tPLHmin|; tOSHL |tPHLmax  tPHLmin|.
Note 6: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (OPR.) CPD * VCC * fIN  ICC/4 (per bit).
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
r 0.3
5.6
8.0
1.0
9.5
ns
CL 15 pF
tPHL
Time
8.1
11.5
1.0
13.0
CL 50 pF
5.0
r 0.5
3.8
5.5
1.0
6.5
ns
CL 15 pF
5.3
7.5
1.0
8.5
CL 50 pF
tPZL
3-STATE Output
3.3
r 0.3
5.4
8.0
1.0
9.5
ns
RL 1 k: CL 15 pF
tPZH
Enable Time
7.9
11.5
1.0
13.0
CL 50 pF
5.0
r 0.5
3.6
5.1
1.0
6.0
ns
CL 15 pF
5.1
7.1
1.0
8.0
CL 50 pF
tPLZ
3-STATE Output
3.3
r 0.3
9.5
13.2
1.0
15.0
ns
RL 1 k: CL 50 pF
tPHZ
Disable Time
5.0
r 0.5
6.1
8.8
1.0
10.0
CL 50 pF
tOSLH
Output to Output Skew
3.3
r 0.3
1.5
1.5
ns
(Note 5)
CL 50 pF
tOSHL
5.0
r 0.5
1.0
1.0
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
COUT
Output Capacitance
6
pF
VCC 5.0V
CPD
Power Dissipation
14
pF
(Note 6)
Capacitance


Similar Part No. - 74VHC125MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC125MTC FAIRCHILD-74VHC125MTC Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125MTC ONSEMI-74VHC125MTC Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74VHC125MTCXNL FAIRCHILD-74VHC125MTCXNL Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74VHC125MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com