Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC14SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC14SJ
Description  Hex Schmitt Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC14SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC14SJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHC14SJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHC14SJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHC14SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC14SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC14SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC14SJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHC14SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011617
www.fairchildsemi.com
June 1993
Revised February 2005
74VHC14
Hex Schmitt Inverter
General Description
The VHC14 is an advanced high speed CMOS Hex
Schmitt Inverter fabricated with silicon gate CMOS technol-
ogy. It achieves the high speed operation similar to equiva-
lent Bipolar Schottky TTL while maintaining the CMOS low
power dissipation. Pin configuration and function are the
same as the VHC04 but the inputs have hysteresis
between the positive-going and negative-going input
thresholds, which are capable of transforming slowly
changing input signals into sharply defined, jitter-free out-
put signals, thus providing greater noise margin than con-
ventional inverters.
An input protection circuit ensures that 0V to 7V can be
applied to the input pins without regard to the supply volt-
age. This device can be used to interface 5V to 3V systems
and two supply systems such as battery back up. This cir-
cuit prevents device destruction due to mismatched supply
and input voltages.
Features
s High Speed: tPD 5.5 ns (typ) at VCC 5V
s Low power dissipation: ICC 2 PA (Max) at TA 25qC
s High noise immunity: VNIH VNIL 28% VCC (Min)
s Power down protection is provided on all inputs
s Low noise: VOLP 0.8V (Max)
s Pin and function compatible with 74HC14
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Note 1: Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Note 2: “_NL” indicates Pb-Free product (per JEDEC J-STD-020B). Device is available in Tape and Reel only.
Note 3: “_NL” indicates Pb-Free product (per JEDEC J-STD-020B).
Order Number
Package
Number
Package Description
74VHC14M
(Note 1)
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHC14MX_NL
(Note 2)
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHC14SJ
(Note 1)
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC14MTC
(Note 1)
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC14MTC_NL
(Note 3)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74VHC14MTCX_NL
(Note 2)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74VHC14N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - 74VHC14SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74VHC14SJ NSC-74VHC14SJ Datasheet
138Kb / 6P
   Hex Schmitt Inverter
logo
Fairchild Semiconductor
74VHC14SJ FAIRCHILD-74VHC14SJ Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
National Semiconductor ...
74VHC14SJX NSC-74VHC14SJX Datasheet
138Kb / 6P
   Hex Schmitt Inverter
logo
ON Semiconductor
74VHC14SJX ONSEMI-74VHC14SJX Datasheet
905Kb / 5P
   Hex Schmitt Inverter
August-2017, Rev. 2
More results

Similar Description - 74VHC14SJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com