Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC125MX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VHC125MX
Description  Quad Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC125MX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VHC125MX Datasheet HTML 1Page - Fairchild Semiconductor 74VHC125MX Datasheet HTML 2Page - Fairchild Semiconductor 74VHC125MX Datasheet HTML 3Page - Fairchild Semiconductor 74VHC125MX Datasheet HTML 4Page - Fairchild Semiconductor 74VHC125MX Datasheet HTML 5Page - Fairchild Semiconductor 74VHC125MX Datasheet HTML 6Page - Fairchild Semiconductor 74VHC125MX Datasheet HTML 7Page - Fairchild Semiconductor 74VHC125MX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 3)
Note 2: Absolute Maximum Ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside databook specifica-
tions.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics
Note 4: Parameter guaranteed by design.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Voltage (VIN)
0.5V to 7.0V
DC Output Voltage (VOUT)
0.5V to VCC  0.5V
Input Diode Current (IIK)
20 mA
Output Diode Current (IOK)
r20 mA
DC Output Current (IOUT)
r25 mA
DC VCC/GND Current (ICC)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Lead Temperature (TL)
(Soldering, 10 seconds)
260
qC
Supply Voltage (VCC)2.0V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to VCC
Operating Temperature (TOPR)
40qC to 85qC
Input Rise and Fall Time (tr, tf)
VCC 3.3V r 0.3V
0
a 100 ns/V
VCC 5.0V r 0.5V
0
a 20 ns/V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level Input
2.0
1.50
1.50
V
Voltage
3.0
 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level Input
2.0
0.50
0.50
V
Voltage
3.0
 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level Output
2.0
1.9
2.0
1.9
VIN VIH IOH 50 PA
Voltage
3.0
2.9
3.0
2.9
V
or VIL
4.5
4.4
4.5
4.4
3.0
2.58
2.48
V
IOH 4 mA
4.5
3.94
3.80
IOH 8 mA
VOL
LOW Level Output
2.0
0.0
0.1
0.1
VIN VIH IOL 50 PA
Voltage
3.0
0.0
0.1
0.1
V
or VIL
4.5
0.0
0.1
0.1
3.0
0.36
0.44
V
IOL 4 mA
4.5
0.36
0.44
IOL 8 mA
IOZ
3-STATE Output
5.5
r0.25
r2.5
PAVIN VIH or VIL
Off-State Current
VOUT VCC or GND
IIN
Input Leakage
0
 5.5
r0.1
r1.0
PAVIN 5.5V or GND
Current
ICC
Quiescent Supply
5.5
4.0
40.0
PAVIN VCC or GND
Current
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Typ
Limits
VOLP
Quiet Output Maximum
5.0
0.5
0.8
V
CL 50 pF
(Note 4)
Dynamic VOL
VOLV
Quiet Output Minimum
5.0
0.5
0.8
V
CL 50 pF
(Note 4)
Dynamic VOL
VIHD
Minimum HIGH Level
5.0
3.5
V
CL 50 pF
(Note 4)
Dynamic Input Voltage
VILD
Maximum HIGH Level
5.0
1.5
V
CL 50 pF
(Note 4)
Dynamic Input Voltage


Similar Part No. - 74VHC125MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC125MXNL FAIRCHILD-74VHC125MXNL Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74VHC125MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com