Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC157SJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHC157SJ
Description  Quad 2-Input Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC157SJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC157SJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHC157SJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHC157SJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHC157SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC157SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC157SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC157SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.) = CPD * VCC * fIN + ICC.
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
± 0.3
6.2
9.7
1.0
11.5
ns
CL = 15 pF
tPHL
In to Zn
8.7
13.2
1.0
15.0
CL = 50 pF
5.0
± 0.5
4.1
6.4
1.0
7.5
ns
CL = 15 pF
5.68.4
1.09.5
CL = 50 pF
tPLH
Propagation Delay
3.3
± 0.3
8.4
13.2
1.0
15.5
ns
CL = 15 pF
tPHL
S to Zn
10.9
16.7
1.0
19.0
CL = 50 pF
5.0
± 0.5
5.3
8.1
1.0
9.5
ns
CL = 15 pF
6.8
10.1
1.0
11.5
CL = 50 pF
tPLH
Propagation Delay
3.3
± 0.3
8.7
13.6
1.0
16.0
ns
CL = 15 pF
tPHL
E to Zn
11.2
17.1
1.0
19.5
CL = 50 pF
5.0
± 0.5
5.6
8.6
1.0
10.0
ns
CL = 15 pF
7.1
10.6
1.0
12.0
CL = 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC = Open
CPD
Power Dissipation
20
pF
(Note 4)
Capacitance


Similar Part No. - 74VHC157SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157SJ FAIRCHILD-74VHC157SJ Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
74VHC157SJ ONSEMI-74VHC157SJ Datasheet
339Kb / 12P
   Quad 2-Input Multiplexer
May 2007 Rev. 1.2
More results

Similar Description - 74VHC157SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com