Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7BS-206-1 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # A7BS-206-1
Description  Wide Range of Locking-type Models Available
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7BS-206-1 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button A7BS-206-1 Datasheet HTML 3Page - Omron Electronics LLC A7BS-206-1 Datasheet HTML 4Page - Omron Electronics LLC A7BS-206-1 Datasheet HTML 5Page - Omron Electronics LLC A7BS-206-1 Datasheet HTML 6Page - Omron Electronics LLC A7BS-206-1 Datasheet HTML 7Page - Omron Electronics LLC A7BS-206-1 Datasheet HTML 8Page - Omron Electronics LLC A7BS-206-1 Datasheet HTML 9Page - Omron Electronics LLC A7BS-206-1 Datasheet HTML 10Page - Omron Electronics LLC A7BS-206-1 Datasheet HTML 11Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
A7BS/A7BL
Ordering Procedure
Place orders as shown in the example below, specifying the model
and number. Standard products are not factory-assembled for
shipment. Contact your OMRON representative for details on
ordering factory-assembled sets.
1. A7BS-206 (Switch Unit): 2 pieces
2. A7BS-207 (Switch Unit): 2 pieces
3. A7B-PA (Spacer): 1 piece
4. A7B-M (End Caps): 1 pair
Safety Precautions
Refer to Precautions for Correct Use
in the Technical Guide for Thumbwheel Switches.
Handling
• The molded components of the Switch use polyacetal resin and
ABS resin. It is recommended that alcohol is used to wipe off dirt
and smudges from the molded components. Take care to prevent
the alcohol from getting inside.
• A7B Thumbwheel Switches are not drip-proof. Do not use them in
areas subject to water or oil exposure.
• Do not allow solder flux or alcohol to enter the Switch.
Setting Numbers
Locking Type
• Set with the setting button by raising it.
• Return the button to its original position after setting. It is then
locked to prevent rotation, and the set numbers will not change
accidentally.
Models with External Stoppers (A7BS-20
@-S)
With the A7BS-20
@-S, any range can be set externally using the
Stopper Pin. Insert the Stopper Pin using the following procedure:
Example: To Display the Range 0 to 7
1. Any number within the range of (0 to 7) can be chosen to limit the
numbers displayed in the display window. (In this example, 8 and
9 are outside of this range.)
2. First, insert the Stopper Pin in the hole
in front of the lower limit ("0") for the
number to be defined.
3. Next, inset the Stopper Pin in the hole
past the upper limit ("7") for the number
to be defined. (The Stopper Pins then
surround the exact range to be
defined.)
4. Confirm that the (+) push-button can no
longer be pushed after reaching the
upper limit of ("7").
5. Confirm that the (-) push-button can no longer be pushed after
reaching the lower limit of ("0"). This completes the setting.
1
43
2
4
Precautions for Correct Use
(3) Stopper Pin (upper limit)
(2) Stopper Pin (lower limit)
(1) Display window
http://www.ia.omron.com/
7
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - A7BS-206-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A7BS-206-1 OMRON-A7BS-206-1 Datasheet
1Mb / 25P
   Thumbwheel Switch
More results

Similar Description - A7BS-206-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A7BS OMRON-A7BS Datasheet
507Kb / 8P
   Wide Range of Locking-type Models Available
logo
ETA-USA
DAC10-3.3 ETA-USA-DAC10-3.3 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC10 ETA-USA-DAC10 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC-15 ETA-USA-DAC-15 Datasheet
1Mb / 3P
   15W AC/DC Available in Wide range of output VDC
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
Murata Manufacturing Co...
CSACW22M5X53-R0 MURATA-CSACW22M5X53-R0 Datasheet
186Kb / 3P
   Available in a wide frequency range
logo
Mean Well Enterprises C...
PLM-25 MEANWELL-PLM-25 Datasheet
146Kb / 4P
   230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
1457K1601 HAMMOND-1457K1601 Datasheet
1Mb / 1P
   Solid models of this enclosure available in STEP or IGES
1457C1202 HAMMOND-1457C1202 Datasheet
914Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com