Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY254G Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TNY254G
Description  Energy Efficient, Low Power Off-line Switchers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY254G Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TNY254G Datasheet HTML 7Page - Power Integrations, Inc. TNY254G Datasheet HTML 8Page - Power Integrations, Inc. TNY254G Datasheet HTML 9Page - Power Integrations, Inc. TNY254G Datasheet HTML 10Page - Power Integrations, Inc. TNY254G Datasheet HTML 11Page - Power Integrations, Inc. TNY254G Datasheet HTML 12Page - Power Integrations, Inc. TNY254G Datasheet HTML 13Page - Power Integrations, Inc. TNY254G Datasheet HTML 14Page - Power Integrations, Inc. TNY254G Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TNY253/254/255
11
Rev E
02/12
Conditions
Parameter
Symbol
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 14
(Unless Otherwise Specified)
di/dt = 12.5 mA/
µs
T
J = 25 °C
di/dt = 25 mA/
µs
T
J = 25 °C
di/dt = 80 mA/
µs
T
J = 25 °C
135
150
165
230
255
280
255
280
310
170
240
170
215
200
250
100
150
125
135
145
70
31
36
50
60
23
27
37
45
50
700
50
50
I
LIMIT
Note F
I
INIT
t
LEB
t
ILD
R
DS(ON)
I
DSS
BV
DSS
t
R
t
F
mA
mA
ns
ns
°C
°C
µA
V
ns
ns
Current Limit
Initial Current
Limit
Leading Edge
Blanking Time
Current Limit
Delay
Thermal Shutdown
Temperature
Thermal Shutdown
Hysteresis
ON-State
Resistance
OFF-State Drain
Leakage Current
Breakdown
Voltage
Rise Time
Fall Time
Min
Typ
Max
Units
CIRCUIT PROTECTION
OUTPUT
V
BP = 6.2 V, VEN = 0 V,
V
DS = 560 V, TJ = 125 °C
T
J = 25 °C
T
J = 100 °C
T
J = 25 °C
T
J = 100 °C
TNY253/TNY254
I
D = 25 mA
Measured with Figure 10
Schematic.
TNY253
TNY254
TNY255
V
BP = 6.2 V, VEN = 0 V,
I
DS = 100 µA, TJ = 25 °C
TNY253
TNY254
TNY255
TNY253
TNY254
TNY255
T
J = 25 °C
See Note G
TNY255
I
D = 33 mA
See Figure 17
T
J = 25 °C
T
J = 25 °C
0.65 x
I
LIMIT(MIN)


Similar Part No. - TNY254G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY254G POWERINT-TNY254G Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
TNY254G POWERINT-TNY254G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254G POWERINT-TNY254G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254G POWERINT-TNY254G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254G POWERINT-TNY254G Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
More results

Similar Description - TNY254G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253GN-TL POWERINT-TNY253GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253GN POWERINT-TNY253GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN-TL POWERINT-TNY255GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254PN POWERINT-TNY254PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253 POWERINT-TNY253_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
TNY253 POWERINT-TNY253 Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com