Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W971GG6JB25I Datasheet(PDF) 46 Page - Winbond

Part # W971GG6JB25I
Description  DLL aligns DQ and DQS transitions with clock, Auto Refresh and Self Refresh modes, Write Data Mask
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W971GG6JB25I Datasheet(HTML) 46 Page - Winbond

Back Button W971GG6JB25I Datasheet HTML 42Page - Winbond W971GG6JB25I Datasheet HTML 43Page - Winbond W971GG6JB25I Datasheet HTML 44Page - Winbond W971GG6JB25I Datasheet HTML 45Page - Winbond W971GG6JB25I Datasheet HTML 46Page - Winbond W971GG6JB25I Datasheet HTML 47Page - Winbond W971GG6JB25I Datasheet HTML 48Page - Winbond W971GG6JB25I Datasheet HTML 49Page - Winbond W971GG6JB25I Datasheet HTML 50Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
W971GG6JB
Publication Release Date: Nov. 18, 2011
- 46 -
Revision A08
AC Characteristics and Operating Condition for -25/25L/25I/25A/25K/-3 speed grades, continued
Notes: 1-3 and 45-47 apply to the entire table
SYM.
SPEED GRADE
DDR2-800
(
-25/25L/25I/25A/25K)
DDR2-667
(
-3)
UNITS
25 NOTES
Bin(CL-tRCD-tRP)
5-5-5
5-5-5
PARAMETER
MIN.
MAX.
MIN.
MAX.
tWPRE
Write preamble
0.35
0.35
tCK(avg)
tWPST
Write postamble
0.4
0.6
0.4
0.6
tCK(avg)
12
tRPRE
Read preamble
0.9
1.1
0.9
1.1
tCK(avg)
14,36
tRPST
Read postamble
0.4
0.6
0.4
0.6
tCK(avg)
14,37
tDS(base) DQ and DM input setup time
50
100
pS
16,27,29,
41,42,44
tDH(base) DQ and DM input hold time
125
175
pS
17,27,29,
41,42,44
tDS(ref)
DQ and DM input setup time
250
300
pS
16,27,29,
41,42,44
tDH(ref)
DQ and DM input hold time
250
300
pS
17,27,29,
41,42,44
tDIPW
DQ and DM input pulse width for each
input
0.35
0.35
tCK(avg)
tHZ
Data-out high-impedance time from
CLK/
CLK
tAC,max
tAC,max
pS
15,35
tLZ(DQS)
DQS/
DQS -low-impedance time from
CLK/
CLK
tAC,min
tAC,max
tAC,min
tAC,max
pS
15,35
tLZ(DQ)
DQ low-impedance time from CLK/
CLK
2 x tAC,min
tAC,max
2 x tAC,min
tAC,max
pS
15,35
tHP
Clock half pulse width
Min.
(tCH(abs),
tCL(abs))
Min.
(tCH(abs),
tCL(abs))
pS
32
tQHS
Data hold skew factor
300
340
pS
33
tQH
DQ/DQS output hold time from DQS
tHP - tQHS
tHP - tQHS
pS
34
tXSNR
Exit Self Refresh to a non-Read command
tRFC + 10
tRFC + 10
nS
23
tXSRD
Exit Self Refresh to a Read command
200
200
nCK
tXP
Exit precharge power down to any
command
2
2
nCK
tXARD
Exit active power down to Read command
2
2
nCK
18
tXARDS
Exit active power down to Read command
(slow exit, lower power)
8 - AL
7 - AL
nCK
18,19
tAOND
ODT turn-on delay
2
2
2
2
nCK
20
tAON
ODT turn-on
tAC,min
tAC,max + 0.7
tAC,min
tAC,max + 0.7
nS
20,35
tAONPD
ODT turn-on (Power Down mode)
tAC,min + 2
2 x tCK(avg) +
tAC,max + 1
tAC,min + 2
2 x tCK(avg) +
tAC,max + 1
nS
tAOFD
ODT turn-off delay
2.5
2.5
2.5
2.5
nCK
21,39
tAOF
ODT turn-off
tAC,min
tAC,max + 0.6
tAC,min
tAC,max + 0.6
nS
21,38,39
tAOFPD
ODT turn-off (Power Down mode)
tAC,min + 2
2.5 x tCK(avg)
+
tAC,max + 1
tAC,min + 2
2.5 x tCK(avg)
+
tAC,max + 1
nS
tANPD
ODT to power down Entry Latency
3
3
nCK
tAXPD
ODT Power Down Exit Latency
8
8
nCK
tMRD
Mode Register Set command cycle time
2
2
nCK
tMOD
MRS command to ODT update delay
0
12
0
12
nS
23
tOIT
OCD Drive mode output delay
0
12
0
12
nS
23
tDELAY
Minimum time clocks remain ON after
CKE asynchronously drops LOW
tIS+tCK(avg)+
tIH
tIS+tCK(avg)+
tIH
nS
22


Similar Part No. - W971GG6JB25I

ManufacturerPart #DatasheetDescription
logo
Winbond
W971GG6JB25I WINBOND-W971GG6JB25I Datasheet
1Mb / 87P
   8M X 8 BANKS X 16 BIT DDR2 SDRAM
More results

Similar Description - W971GG6JB25I

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C4M32D1A-5BIN ALSC-AS4C4M32D1A-5BIN Datasheet
2Mb / 64P
   DLL aligns DQ and DQS transitions
logo
Winbond
W9725G6KB-25 WINBOND-W9725G6KB-25 Datasheet
1Mb / 87P
   DLL aligns DQ and DQS transitions with clock, Data masks (DM) for write data, Write Data Mask
logo
Integrated Silicon Solu...
IS43R16800E ISSI-IS43R16800E Datasheet
1Mb / 31P
   Auto Refresh and Self Refresh Modes
IS43R16320E ISSI-IS43R16320E Datasheet
1,006Kb / 33P
   Auto Refresh and Self Refresh Modes
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com