Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IS471FE Datasheet(HTML) 3 Page - Sharp Electrionic Components

Part No. IS471FE
Description  OPIC Light Detector with Built-in Signal Processing Circuit for Light Modulation System
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

IS471FE Datasheet(HTML) 3 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
IS471F
Switch
280
0.33
µF
5V
Switch
Light
emitting
diode
IS471F
GND
Vin
OFF
ON
1.5V
Output
GLout
VCC
VO
tPHL
tPLH
VOH
VOL
Fig. 4
Light emitting diode : peak emission wavelengh
λ
P = 940nm
Low Level Output Current
Fig. 6 Low Level Output Voltage vs.
Fig. 5 Power Dissipation vs.
Ambient Temperature
*6 Test circuit for response time, threshold irradiance is shown in Fig. 4.
*7 E VDX : Defined as the E VD at the limit of normal operation range.
4
3
2
1
0
50
100
150
200
0
25
125
50
75
60
02
4
6
250
300
75
50
100
25
0
0
0.6
0.4
0.5
0.3
0.2
0.1
16mA
5mA
2
100
5
210
20
1
0.5
0.2
0.1
0.05
0.02
0.01
100
50
1
8
10121416
3
4
5
6
8
7
25˚C
60˚C
Fig. 7 Low Level Output Voltage vs.
Ambient Temperature
Fig. 8 Supply Current vs. Supply Voltage
Supply voltage Vcc (V)
Low level output current I OL ( mA )
-25
-25
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
Ta = 25˚C
T a=-
25˚C
VCC =5V
V CC =5V
IOL = 30mA


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn