Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W25Q128FVTIG Datasheet(HTML) 21 Page - Winbond

Part No. W25Q128FVTIG
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W25Q128FVTIG Datasheet(HTML) 21 Page - Winbond

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 20 -
Revision D
7.1.15 W25Q128FV Status Register Memory Protection (WPS = 0, CMP = 0)
STATUS REGISTER(1)
W25Q128FV (128M-BIT) MEMORY PROTECTION(3)
SEC
TB
BP2
BP1
BP0
PROTECTED
BLOCK(S)
PROTECTED
ADDRESSES
PROTECTED
DENSITY
PROTECTED
PORTION(2)
X
X
0
0
0
NONE
NONE
NONE
NONE
0
0
0
0
1
252 thru 255
FC0000h – FFFFFFh
256KB
Upper 1/64
0
0
0
1
0
248 thru 255
F80000h – FFFFFFh
512KB
Upper 1/32
0
0
0
1
1
240 thru 255
F00000h – FFFFFFh
1MB
Upper 1/16
0
0
1
0
0
224 thru 255
E00000h – FFFFFFh
2MB
Upper 1/8
0
0
1
0
1
192 thru 255
C00000h – FFFFFFh
4MB
Upper 1/4
0
0
1
1
0
128 thru 255
800000h – FFFFFFh
8MB
Upper 1/2
0
1
0
0
1
0 thru 3
000000h – 03FFFFh
256KB
Lower 1/64
0
1
0
1
0
0 thru 7
000000h – 07FFFFh
512KB
Lower 1/32
0
1
0
1
1
0 thru 15
000000h – 0FFFFFh
1MB
Lower 1/16
0
1
1
0
0
0 thru 31
000000h – 1FFFFFh
2MB
Lower 1/8
0
1
1
0
1
0 thru 63
000000h – 3FFFFFh
4MB
Lower 1/4
0
1
1
1
0
0 thru 127
000000h – 7FFFFFh
8MB
Lower 1/2
X
X
1
1
1
0 thru 255
000000h – FFFFFFh
16MB
ALL
1
0
0
0
1
255
FFF000h – FFFFFFh
4KB
U - 1/4096
1
0
0
1
0
255
FFE000h – FFFFFFh
8KB
U - 1/2048
1
0
0
1
1
255
FFC000h – FFFFFFh
16KB
U - 1/1024
1
0
1
0
X
255
FF8000h – FFFFFFh
32KB
U - 1/512
1
1
0
0
1
0
000000h – 000FFFh
4KB
L - 1/4096
1
1
0
1
0
0
000000h – 001FFFh
8KB
L - 1/2048
1
1
0
1
1
0
000000h – 003FFFh
16KB
L - 1/1024
1
1
1
0
X
0
000000h – 007FFFh
32KB
L - 1/512
Notes:
1. X = don’t care
2. L = Lower; U = Upper
3. If any Erase or Program command specifies a memory region that contains protected data portion, this
command will be ignored.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn