Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9725G6KB25A Datasheet(PDF) 40 Page - Winbond

Part # W9725G6KB25A
Description  DLL aligns DQ and DQS transitions with clock, Data masks (DM) for write data, Write Data Mask
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9725G6KB25A Datasheet(HTML) 40 Page - Winbond

Back Button W9725G6KB25A Datasheet HTML 36Page - Winbond W9725G6KB25A Datasheet HTML 37Page - Winbond W9725G6KB25A Datasheet HTML 38Page - Winbond W9725G6KB25A Datasheet HTML 39Page - Winbond W9725G6KB25A Datasheet HTML 40Page - Winbond W9725G6KB25A Datasheet HTML 41Page - Winbond W9725G6KB25A Datasheet HTML 42Page - Winbond W9725G6KB25A Datasheet HTML 43Page - Winbond W9725G6KB25A Datasheet HTML 44Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
W9725G6KB
Publication Release Date: Sep. 03, 2012
- 40 -
Revision A03
10.9
DC Characteristics
SYM.
CONDITIONS
-18
-25/25I/25A/25K
-3
UNIT
NOTES
MAX.
MAX.
MAX.
IDD0
Operating Current - One Bank Active-Precharge
tCK = tCK(IDD), tRC = tRC(IDD), tRAS = tRASmin(IDD);
CKE is HIGH,
CS is HIGH between valid commands;
Address and control inputs are SWITCHING;
Databus inputs are SWITCHING.
70
60
55
mA
1,2,3,4,5,
6
IDD1
Operating Current - One Bank Active-Read-
Precharge
IOUT = 0 mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK(IDD), tRC = tRC(IDD), tRAS = tRASmin(IDD),
tRCD = tRCD(IDD);
CKE is HIGH,
CS is HIGH between valid commands;
Address and control inputs are SWITCHING;
Data bus inputs are SWITCHING.
80
70
65
mA
1,2,3,4,5,
6
IDD2P
Precharge Power-Down Current
All banks idle;
tCK = tCK(IDD);
CKE is LOW;
Other control and address inputs are STABLE;
Data Bus inputs are FLOATING. (TCASE
85°C)
6
6
6
mA
1,2,3,4,5,
6,7
IDD2N
Precharge Standby Current
All banks idle;
tCK = tCK(IDD);
CKE is HIGH,
CS is HIGH;
Other control and address inputs are SWITCHING;
Data bus inputs are SWITCHING.
45
40
35
mA
1,2,3,4,5,
6
IDD2Q
Precharge Quiet Standby Current
All banks idle;
tCK = tCK(IDD);
CKE is HIGH,
CS is HIGH;
Other control and address inputs are STABLE;
Data bus inputs are FLOATING.
35
35
30
mA
1,2,3,4,5,
6
IDD3PF
Active Power-Down Current
All banks open;
tCK = tCK(IDD);
CKE is LOW;
Other control and address inputs are
STABLE;
Data bus inputs are FLOATING.
(TCASE
85°C)
Fast PDN Exit
MRS(12) = 0
15
15
15
mA
1,2,3,4,5,
6
IDD3PS
Slow PDN Exit
MRS(12) = 1
10
10
10
mA
1,2,3,4,5,
6,7
IDD3N
Active Standby Current
All banks open;
tCK = tCK(IDD); tRAS = tRASmax(IDD), tRP = tRP(IDD);
CKE is HIGH,
CS is HIGH between valid commands;
Other control and address inputs are SWITCHING;
Data bus inputs are SWITCHING.
60
50
45
mA
1,2,3,4,5,
6


Similar Part No. - W9725G6KB25A

ManufacturerPart #DatasheetDescription
logo
Winbond
W9725G6KB25I-TR WINBOND-W9725G6KB25I-TR Datasheet
1Mb / 87P
   4M X 4 BANKS X 16 BIT DDR2 SDRAM
More results

Similar Description - W9725G6KB25A

ManufacturerPart #DatasheetDescription
logo
Winbond
W971GG6JB25I WINBOND-W971GG6JB25I Datasheet
1Mb / 87P
   DLL aligns DQ and DQS transitions with clock, Auto Refresh and Self Refresh modes, Write Data Mask
logo
Alliance Semiconductor ...
AS4C4M32D1A-5BIN ALSC-AS4C4M32D1A-5BIN Datasheet
2Mb / 64P
   DLL aligns DQ and DQS transitions
logo
ATMEL Corporation
AT24C16A ATMEL-AT24C16A_14 Datasheet
257Kb / 20P
   Write Protect Pin for Hardware Data Protection
AT24C32A ATMEL-AT24C32A_14 Datasheet
228Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24HC04B ATMEL-AT24HC04B_14 Datasheet
706Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C04AN-10SU-1.8 ATMEL-AT24C04AN-10SU-1.8 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
logo
Integrated Silicon Solu...
IS43LR16800G ISSI-IS43LR16800G Datasheet
1Mb / 43P
   DM for write masking only
logo
ATMEL Corporation
AT24C02A ATMEL-AT24C02A_14 Datasheet
563Kb / 16P
   Write Protect Pin for Hardware Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com