Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W9725G6KB25A Datasheet(HTML) 66 Page - Winbond

Part No. W9725G6KB25A
Description  DLL aligns DQ and DQS transitions with clock, Data masks (DM) for write data, Write Data Mask
Download  87 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W9725G6KB25A Datasheet(HTML) 66 Page - Winbond

Back Button W9725G6KB25A Datasheet HTML 66Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 87 page
background image
W9725G6KB
Publication Release Date: Sep. 03, 2012
- 66 -
Revision A03
10.12
AC Input Test Conditions
CONDITION
SYMBOL
VALUE
UNIT
NOTES
Input reference voltage
VREF
0.5 x VDDQ
V
1
Input signal maximum peak to peak swing
VSWING(MAX)
1.0
V
1
Input signal minimum slew rate
SLEW
1.0
V/nS
2, 3
Notes:
1. Input waveform timing is referenced to the input signal crossing through the VIH/IL(ac) level applied to the device under test.
2. The input signal minimum slew rate is to be maintained over the range from VREF to VIH(ac) min for rising edges and the
range from VREF to VIL(ac) max for falling edges as shown in the below figure.
3. AC timings are referenced with input waveforms switching from VIL(ac) to VIH(ac) on the positive transitions and VIH(ac) to
VIL(ac) on the negative transitions.
10.13
Differential Input/Output AC Logic Levels
PARAMETER
SYM.
MIN.
MAX.
UNIT
NOTES
AC differential input voltage
VID (ac)
0.5
VDDQ + 0.6
V
1
AC differential cross point input voltage
VIX (ac)
0.5 x VDDQ - 0.175
0.5 x VDDQ + 0.175
V
2
AC differential cross point output voltage
VOX (ac)
0.5 x VDDQ - 0.125
0.5 x VDDQ + 0.125
V
3
Notes:
1. VID (ac) specifies the input differential voltage |VTR -VCP | required for switching, where VTR is the true input signal (such
as CLK, LDQS or UDQS) and VCP is the complementary input signal (such as
CLK , LDQS or UDQS ). The minimum
value is equal to VIH (ac) - VIL (ac).
2. The typical value of VIX (ac) is expected to be about 0.5 x VDDQ of the transmitting device and VIX (ac) is expected to track
variations in VDDQ. VIX (ac) indicates the voltage at which differential input signals must cross.
3. The typical value of VOX (ac) is expected to be about 0.5 x VDDQ of the transmitting device and VOX (ac) is expected to
track variations in VDDQ. VOX (ac) indicates the voltage at which differential output signals must cross.
ΔTF
ΔTR
VDDQ
VIH(ac) min
Falling Slew =
Rising Slew =
VIH(dc) min
VREF
VIL(dc) max
VIL(ac) max
VSS
VSWING(MAX)
VREF - VIL(ac) max
ΔTF
VIH(ac) min - VREF
ΔTR
VDDQ
VSSQ
VIX or VOX
VID
VTR
Crossing point
VCP
Figure 28
– AC input test signal and Differential signal levels waveform


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn