Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W9725G6KB25A Datasheet(HTML) 86 Page - Winbond

Part No. W9725G6KB25A
Description  DLL aligns DQ and DQS transitions with clock, Data masks (DM) for write data, Write Data Mask
Download  87 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W9725G6KB25A Datasheet(HTML) 86 Page - Winbond

Back Button W9725G6KB25A Datasheet HTML 86Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 87 page
background image
W9725G6KB
Publication Release Date: Sep. 03, 2012
- 86 -
Revision A03
12. PACKAGE SPECIFICATION
Package Outline WBGA-84 (8x12.5 mm
2)
1
84x
Φb
A1
A
SEATING PLANE
SYMBOL
DIMENSION (MM)
MIN.
NOM.
MAX.
A
A1
b
D
E
D1
E1
eE
eD
aaa
bbb
ccc
---
---
---
---
0.10
0.20
---
---
0.15
0.80 BSC.
0.80 BSC.
6.40 BSC.
11.20 BSC.
1.20
0.40
0.50
12.60
8.10
8.00
12.50
7.90
12.40
0.40
0.25
eE
E1
4X
2
3
7
8
9
E
---
---
---
---
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
C
ccc
C
A
C
aaa
B
C
bbb
//
PIN A1 INDEX
PIN A1 INDEX
Ball Land
Ball Opening
Note: 1. Ball land : 0.5mm
2. Ball opening : 0.4mm
3. PCB Ball land suggested
≤ 0.4mm
SOLDER BALL DIAMETER REFERS.
TO POST REFLOW CONDITION.
THE WINDOW-SIDE
ENCAPSULANT
eee
C
A
C
B
M
ddd M
ddd
eee
---
---
---
---
0.08
0.15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn