Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W9725G6KB25A Datasheet(HTML) 12 Page - Winbond

Part No. W9725G6KB25A
Description  DLL aligns DQ and DQS transitions with clock, Data masks (DM) for write data, Write Data Mask
Download  87 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W9725G6KB25A Datasheet(HTML) 12 Page - Winbond

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 87 page
background image
W9725G6KB
Publication Release Date: Sep. 03, 2012
- 12 -
Revision A03
8.2.2.2
DLL Enable/Disable
The DLL must be enabled for normal operation. DLL enable is required during power-up initialization,
and upon returning to normal operation after having the DLL disabled. The DLL is automatically
disabled when entering Self Refresh operation and is automatically re-enabled and reset upon exit of
Self Refresh operation. Any time the DLL is enabled (and subsequently reset), 200 clock cycles must
occur before a Read command can be issued to allow time for the internal clock to be synchronized
with the external clock. Failing to wait for synchronization to occur may result in a violation of the tAC
or tDQSCK parameters.
BA1
BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
1
OCD program
BT
Rtt
Address Field
Extended Mode Register (1)
BA1
BA0
MRS mode
0
0
0
0
1
1
1
1
MR
EMR (1)
EMR (2)
EMR (3)
A6
A2
0
0
0
0
1
1
1
1
WR
Additive Latency
Qoff
0*
1
DQS
Rtt
D.I.C DLL
Rtt (nominal)
ODT Disabled
75 ohm
150 ohm
50 ohm*
2
0
A0
1
DLL Enable
Enable
Disable
OCD Calibration Program
OCD calibration mode exit; matain setting
Adjust mode*
3
OCD Calibration default*
4
Drive (1)
Drive (0)
A9
A8
A7
1
0
0
0
1
1
1
1
1
0
0
0
0
0
0
Driver impedance adjustment
A12
1
0
Output buffer enabled
Qoff (Optional)*
5
Output buffer disabled
A10
1
0
DQS
Enable
Disable
A10
(DQS Enable)
0 (Enable)
1 (Disable)
Strobe Function Matrix
DQS
DQS
DQS
DQS
DQS
Hi-z
Output driver
impedance control
Reduced
Normal
A1
0
1
A5
0
0
0
0
1
1
1
1
A4
0
0
1
1
0
0
1
1
A3
0
1
0
1
0
1
1
0
Latency
0
3
4
Reserved
1
2
Output Driver Impedance Control
Driver
size
100%
60%
Additive Latency
5
6
Notes:
1. A11 default is
“0” RDQS disabled.
2. Optional for DDR2-667, mandatory for DDR2-800 and DDR2-1066.
3. When Adjust mode is issued, AL from previously set value must be applied.
4. After setting to default, OCD calibration mode needs to be exited by setting A9-A7 to 000. Refer to the section 8.2.3 for
detailed information.
5. Output disabled - DQs, LDQS, LDQS , UDQS, UDQS . This feature is used in conjunction with DIMM IDD measurements
when IDDQ is not desired to be included.
Figure 3
– EMR (1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn